Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ10503EXTTZ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMZ10503EXTTZ
Description  LMZ1050xEXT Evaluation Board
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ10503EXTTZ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMZ10503EXTTZ Datasheet HTML 4Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 5Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 6Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 7Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 8Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 9Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 10Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 11Page - National Semiconductor (TI) LMZ10503EXTTZ Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Circuit Example: Complies with EN55022 Class B Radiated Emissions
30128025
FIGURE 19. Component Schematic, V
IN = 5V, VOUT = 2.5V, Complies with EN55022 Class B Radiated Emissions
TABLE 3. Bill of Materials
Designator
Description
Case Size
Manufacturer
Manufacturer P/N
Quantity
U1
SIMPLE SWITCHER®
TO-PMOD-7
National
Semiconductor
LMZ10503/4/5EXTTZ
1
C
in1
1 µF, X7R, 16V
0805
TDK
C2012X7R1C105K
1
C
in2
4.7 µF, X5R, 6.3V
0805
TDK
C2012X5R0J475K
1
C
in3
47 µF, X5R, 6.3V
1210
TDK
C3225X5R0J476M
1
C
O1
100 µF, X5R, 6.3V
1812
TDK
C4532X5R0J107M
1
R
fbt
75 k
0805
Vishay Dale
CRCW080575K0FKEA
1
R
fbb
34.8 k
0805
Vishay Dale
CRCW080534K8FKEA
1
R
comp
1.1 k
0805
Vishay Dale
CRCW08051K10FKEA
1
C
comp
180 pF, ±5%, C0G, 50V
0603
TDK
C1608C0G1H181J
1
C
SS
10 nF, ±5%, C0G, 50V
0805
TDK
C2012C0G1H103J
1
30128038
FIGURE 20. Radiated Emissions (EN55022, Class B)
V
IN = 5V, VOUT = 2.5V, IOUT = 3A
Tested on LMZ10503EXT Evaluation Board
30128026
FIGURE 21. Radiated Emissions (EN55022, Class B)
V
IN = 5V, VOUT = 2.5V, IOUT = 4A
Tested on LMZ10504EXT Evaluation Board
www.national.com
8


Similar Part No. - LMZ10503EXTTZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10503EXTTZ NSC-LMZ10503EXTTZ Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ10503EXTTZ/NOPB TI-LMZ10503EXTTZ/NOPB Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXTTZE NSC-LMZ10503EXTTZE Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ10503EXTTZE/NOPB TI-LMZ10503EXTTZE/NOPB Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXTTZX NSC-LMZ10503EXTTZX Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results

Similar Description - LMZ10503EXTTZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com