Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXH003A0X-SRZ Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # APXH003A0X-SRZ
Description  Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APXH003A0X-SRZ Datasheet(HTML) 1 Page - Lineage Power Corporation

  APXH003A0X-SRZ Datasheet HTML 1Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 2Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
October 8, 2009
Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS06-131 ver. 1.11
PDF name: APTH003A0X_ds.pdf
Applications
Distributed power architectures
Intermediate bus voltage applications
Telecommunications equipment
Servers and storage applications
Networking equipment
Industrial equipment
Features
Compliant to RoHS EU Directive 2002/95/EC
(Z versions)
Compatible in a Pb-free or SnPb reflow
environment (Z versions)
Wide Input voltage range (2.4Vdc-5.5Vdc)
Output voltage programmable from 0.6Vdc to 3.63
Vdc via external resistor
Tunable Loop
TM to optimize dynamic output
voltage response
Flexible output voltage sequencing EZ-
SEQUENCE – APTH versions
Remote sense
Fixed switching frequency
Output overcurrent protection (non-latching)
Overtemperature protection
Remote On/Off
Ability to sink and source current
Cost efficient open frame design
Small size: 12.2 mm x 12.2 mm x 6.25 mm
(0.48 in x 0.48 in x 0.25 in)
Wide operating temperature range (-40°C to 85°C)
UL* 60950-1Recognized, CSA
C22.2 No.
60950-1-03 Certified, and VDE
0805:2001-12
(EN60950-1) Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
The Pico TLynx
TM 3A power modules are non-isolated dc-dc converters that can deliver up to 3A of output current.
These modules operate over a wide range of input voltage (VIN = 2.4Vdc-5.5Vdc) and provide a precisely regulated
output voltage from 0.6Vdc to 3.63Vdc, programmable via an external resistor. Features include remote On/Off,
adjustable output voltage, over current and overtemperature protection, and output voltage sequencing (APTH
versions). A new feature, the Tunable Loop
TM , allows the user to optimize the dynamic response of the converter
to match the load with reduced amount of output capacitance leading to savings on cost and PWB area.
TRIM
VOUT
SENSE
GND
CTUNE
RTUNE
RTrim
VIN
Co
Cin
Vin+
Vout+
ON/OFF
Q1
SEQ
MODULE
RoHS Compliant
EZ-SEQUENCETM


Similar Part No. - APXH003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
More results

Similar Description - APXH003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com