Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ14202EXTTZ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMZ14202EXTTZ
Description  LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ14202EXTTZ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMZ14202EXTTZ Datasheet HTML 2Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 3Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 4Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 5Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 6Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 7Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 8Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 9Page - National Semiconductor (TI) LMZ14202EXTTZ Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LMZ14203EXT Startup V
IN = 12V
30131534
LMZ12003EXT Startup V
IN = 12V
30131535
LMZ14203EXT Output Ripple V
OUT = 3.3V
I
OUT = 3A, BW = 200 MHz
30131517
LMZ14203EXT Transient Response V
IN = 24V
V
OUT = 3.3V, 0.6 A to 3A Step
30131518
PCB Layout Diagrams
Gerber and CAD files can be download from the LMZ14203EXT product folder.
30131509
FIGURE 2. Top Layer
www.national.com
6


Similar Part No. - LMZ14202EXTTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ14202EXTTZ TI1-LMZ14202EXTTZ Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXTTZ TI-LMZ14202EXTTZ Datasheet
4Mb / 27P
[Old version datasheet]   LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXTTZ/NOPB TI-LMZ14202EXTTZ/NOPB Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXTTZE TI1-LMZ14202EXTTZE Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXTTZE TI-LMZ14202EXTTZE Datasheet
4Mb / 27P
[Old version datasheet]   LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results

Similar Description - LMZ14202EXTTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AN-2084 TI-AN-2084 Datasheet
2Mb / 10P
[Old version datasheet]   AN-2084 LMZ1420xEXT / LMZ1200xEXT Evaluation Board
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com