Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTS006A0X-SRZ Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # APTS006A0X-SRZ
Description  12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS006A0X-SRZ Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button APTS006A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 10Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 11Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 12Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 13Page - Lineage Power Corporation APTS006A0X-SRZ Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
December 15, 2009
12V Pico TLynxTM 6A: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
LINEAGE POWER
10
Characteristic Curves
The following figures provide typical characteristics for the 12V Pico TLynx
TM 6A at 3.3Vo and at 25oC.
70
75
80
85
90
95
100
01
23
45
6
Vin=14V
Vin=12V
Vin=4.5V
2
3
4
5
6
7
55
65
75
85
95
105
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
Standard Part
(85
°C)
Ruggedized (D)
Part (105
°C)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 25. Converter Efficiency versus Output Current.
Figure 26. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 27. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 28. Transient Response to Dynamic Load
Change from 0% 50% to 0%.
TIME, t (2ms/div)
TIME, t (2ms/div)
Figure 29. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 30. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - APTS006A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
More results

Similar Description - APTS006A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTS030A0X LINEAGEPOWER-APTS030A0X Datasheet
763Kb / 23P
   12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXK004A0X-SRZ LINEAGEPOWER-APXK004A0X-SRZ_10 Datasheet
660Kb / 25P
   16V Pico TLynxTM 4A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com