Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM19DPRI Datasheet(PDF) 7 Page - Schurter Inc.

Part # MSM19DPRI
Description  Vandal-proof MSM DP switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM19DPRI Datasheet(HTML) 7 Page - Schurter Inc.

Back Button MSM19DPRI Datasheet HTML 3Page - Schurter Inc. MSM19DPRI Datasheet HTML 4Page - Schurter Inc. MSM19DPRI Datasheet HTML 5Page - Schurter Inc. MSM19DPRI Datasheet HTML 6Page - Schurter Inc. MSM19DPRI Datasheet HTML 7Page - Schurter Inc. MSM19DPRI Datasheet HTML 8Page - Schurter Inc. MSM19DPRI Datasheet HTML 9Page - Schurter Inc. MSM19DPRI Datasheet HTML 10Page - Schurter Inc. MSM19DPRI Datasheet HTML 11Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
2.2.2
Component dimensions MSM 22 DP
MSM 22 DP ST
MSM 22 DP LE
NO
COM
NC
ø25
2,80
D
0,50
22,80
x1
22
M
21,10-0,05
COM NO NC
25
2,80
ø
D
x1
0,50
22
M
22,80
MSM 22 DP PI
MSM 22 DP RI
21,10-0,05
NO
NC
COM
0,50
25,80
M22x1
ø25
2,80
A
D
21,10-0,05
COM
NO
NC
ø25
2,80
A
D
22
25,80
0,50
x1
M
Legend
• A = Illumination Area
• B = Actuating Area
• C = Width Across Flats
• D = Knurled Nut
Changes that contribute to technical improvement are subject to alternations
Seite
Erstelldatum:
Ersteller:
Änderungsdatum: Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
7 of 17
07.03.2008
Schillak
Schöchlin
9701
105.9534
a
Print date: 28/03/2008 08:31:00


Similar Part No. - MSM19DPRI

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM19 SCHURTER-MSM19 Datasheet
914Kb / 9P
   Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM19 SCHURTER-MSM19 Datasheet
912Kb / 9P
   Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
08.07.2021
logo
Littelfuse
MSM190W6 LITTELFUSE-MSM190W6 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
Schurter Inc.
MSM19LE SCHURTER-MSM19LE Datasheet
752Kb / 17P
   Vandal-proof MSM switches
MSM19PI SCHURTER-MSM19PI Datasheet
752Kb / 17P
   Vandal-proof MSM switches
More results

Similar Description - MSM19DPRI

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM16ST SCHURTER-MSM16ST Datasheet
752Kb / 17P
   Vandal-proof MSM switches
logo
Taoglas antenna solutio...
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008 Datasheet
2Mb / 23P
   Low Profile and Vandal Proof
logo
World Produts Inc.
WPANT30140 WPI-WPANT30140 Datasheet
225Kb / 4P
   ISM Body Mount Vandal Proof Antenna
WPANT30155 WPI-WPANT30155 Datasheet
90Kb / 2P
   ISM & GPS Body Mount Vandal Proof Antenna
WPANT30146 WPI-WPANT30146 Datasheet
91Kb / 2P
   4G Cellular Body Mount Vandal Proof Antenna
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
   pV9 SerieS anti-Vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
   ulV7 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
   Anti-Vandal Sealed Pushbutton Switch
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com