Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM30ST Datasheet(PDF) 11 Page - Schurter Inc.

Part # MSM30ST
Description  Vandal-proof MSM switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM30ST Datasheet(HTML) 11 Page - Schurter Inc.

Back Button MSM30ST Datasheet HTML 7Page - Schurter Inc. MSM30ST Datasheet HTML 8Page - Schurter Inc. MSM30ST Datasheet HTML 9Page - Schurter Inc. MSM30ST Datasheet HTML 10Page - Schurter Inc. MSM30ST Datasheet HTML 11Page - Schurter Inc. MSM30ST Datasheet HTML 12Page - Schurter Inc. MSM30ST Datasheet HTML 13Page - Schurter Inc. MSM30ST Datasheet HTML 14Page - Schurter Inc. MSM30ST Datasheet HTML 15Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
3 Order Number
Mounting diameter (mm)
16
19
22
Electrical rating max. 0.1 A / 30 V DC
Standard
1241.6611.1110000
1241.6621.1110000
1241.6631.1110000
With lettering
1241.6612.1110000
1241.6622.1110000
1241.6632.1110000
Red point illumination
1241.6623.1111000
1241.6633.1111000
Green point illumination
1241.6623.1112000
1241.6633.1112000
Blue point illumination
1241.6623.1114000
1241.6633.1114000
Red ring illumination
1241.6624.1111000
1241.6634.1111000
Green ring illumination
1241.6624.1112000
1241.6634.1112000
Blue ring illumination
1241.6624.1114000
1241.6634.1114000
Installation wrench
0853.0622
1141.1337
Electrical rating max. 5 A / 125 V AC or 3 A / 250V AC
Standard
1241.6611.1120000
1241.6621.1120000
1241.6631.1120000
With lettering
1241.6612.1120000
1241.6622.1120000
1241.6632.1120000
Red point illumination
1241.6623.1121000
1241.6633.1121000
Green point illumination
1241.6623.1122000
1241.6633.1122000
Blue point illumination
1241.6623.1124000
1241.6633.1124000
Red ring illumination
1241.6624.1121000
1241.6634.1121000
Green ring illumination
1241.6624.1122000
1241.6634.1122000
Blue ring illumination
1241.6624.1124000
1241.6634.1124000
Installation wrench
0853.0622
1141.1337
Electrical rating max. 10 A / 250 V AC
Standard
1241.6611.1130000
1241.6621.1130000
1241.6631.1130000
With lettering
1241.6612.1130000
1241.6622.1130000
1241.6632.1130000
Red point illumination
1241.6623.1131000
1241.6633.1131000
Green point illumination
1241.6623.1132000
1241.6633.1132000
Blue point illumination
1241.6623.1134000
1241.6633.11342000
Red ring illumination
1241.6624.1131000
1241.6634.1131000
Green ring illumination
1241.6624.1132000
1241.6634.1132000
Blue ring illumination
1241.6624.1134000
1241.6634.1134000
Installation wrench
0853.0622
1141.1337
Part numbers with italic type on request
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
11 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47


Similar Part No. - MSM30ST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM30 SCHURTER-MSM30 Datasheet
82Kb / 7P
   Snap-in switch for switches PSE, MSM and MCS 30
MSM30 SCHURTER-MSM30 Datasheet
911Kb / 9P
   Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM30 SCHURTER-MSM30 Datasheet
1Mb / 9P
   Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
logo
Littelfuse
MSM30.7W6 LITTELFUSE-MSM30.7W6 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
StarHope
MSM300 SPSEMI-MSM300 Datasheet
505Kb / 3P
   Surface Mount Devices
More results

Similar Description - MSM30ST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM19DPST SCHURTER-MSM19DPST Datasheet
660Kb / 17P
   Vandal-proof MSM DP switch
logo
Taoglas antenna solutio...
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008 Datasheet
2Mb / 23P
   Low Profile and Vandal Proof
logo
World Produts Inc.
WPANT30140 WPI-WPANT30140 Datasheet
225Kb / 4P
   ISM Body Mount Vandal Proof Antenna
WPANT30155 WPI-WPANT30155 Datasheet
90Kb / 2P
   ISM & GPS Body Mount Vandal Proof Antenna
WPANT30146 WPI-WPANT30146 Datasheet
91Kb / 2P
   4G Cellular Body Mount Vandal Proof Antenna
logo
List of Unclassifed Man...
AV090003A940N ETC-AV090003A940N Datasheet
1Mb / 31P
   Anti-vandal and security pushbutton switches
logo
TE Connectivity Ltd
AVH TEC-AVH Datasheet
499Kb / 5P
   AVH Series ?밃nti-Vandal High Current Pushbutton Switches
logo
Schurter Inc.
MSM SCHURTER-MSM Datasheet
81Kb / 1P
   Protection cover for MSM 19 and MSM 22
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
Magnetrol International...
A10-1E2D-HM7 MAGNETROL-A10-1E2D-HM7 Datasheet
829Kb / 40P
   Liquid Level and Proof-er짰 Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com