Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OKL-T3-W12 Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # OKL-T3-W12
Description  Programmable Output 3-Amp iLGA SMT PoLs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKL-T3-W12 Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button OKL-T3-W12_10 Datasheet HTML 4Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 5Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 6Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 7Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 8Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 9Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 10Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 11Page - Murata Power Solutions Inc. OKL-T3-W12_10 Datasheet HTML 12Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OKL-T/3-W12 PERFORMANCE DATA AND OSCILLOGRAMS
OKL-T/3-W12 Maximum Current Temperature Derating at Sea Level
(VIN = 12V, VOUT = 5V)
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Natural convection
100 LFM
Ambient Temperature (ºC)
On/Off Enable Startup Delay (Vin=12V, Vout=5.0V, Iout=3A, Cload=0)
Trace 4=Enable In, Trace2=Vout
Output Ripple and Noise (Vin=12V, Vout=5.0V, Iout=3A, Cload=0, ScopeBW=20MHz)
Step Load Transient Response (Vin=12V, Vout=5.0V, Cload=0, Iout=1.5A to 3A)
Trace 2=Vout, 100 mV/div. Trace 4=Iout, 1A/div.
Step Load Transient Response (Vin=12V, Vout=5.0V, Cload=0, Iout=3A to 1.5A)
Trace 2=Vout, 100 mV/div. Trace 4=Iout, 1A/div.
OKL2-T/3-W12 Efficiency vs. Line Voltage and Load Current +25 ˚C
(Vout = 5V)
01
23
100
95
90
85
80
75
70
65
Load C urre nt (Amps)
VIN = 6V
VIN = 12V
VIN = 14V
OKL-T/3-W12 Series
Programmable Output 3-Amp iLGA SMT PoLs
www.murata-ps.com
email: sales@murata-ps.com
13 May 2010
MDC_OKL-T/3-W12 Series.A09 Page 8 of 15


Similar Part No. - OKL-T3-W12_10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12_V01 Datasheet
2Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs MDC_OKL-T/3-W12 Series.C04 Page 1 of 17 www.murata-ps.com www.murata-
2023
More results

Similar Description - OKL-T3-W12_10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T MURATA-PS-OKL-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W12 MURATA-PS-OKL-T3-W12 Datasheet
175Kb / 4P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T MURATA-PS-OKL2-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T3-W5 MURATA-PS-OKL-T3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T1-W12 MURATA-PS-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-6-W5 MURATA-OKL-T-6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T6-W5 MURATA-PS-OKL-T6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
OKL-T6-W12 MURATA-PS-OKL-T6-W12 Datasheet
1Mb / 15P
   Programmable Output 6-Amp ILGA SMT PoLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com