Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD669A Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD669A
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD669A Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD669A Datasheet HTML 1Page - Unisonic Technologies 2SD669A Datasheet HTML 2Page - Unisonic Technologies 2SD669A Datasheet HTML 3Page - Unisonic Technologies 2SD669A Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD669/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R204-005,H
TYPICAL CHARACTERISTICS
Ta=7
5°C
25
-20
VCE=5V
1
50
10
0
15
0
20
0
25
0
30
0
1
3
10
30 100 300 1000 3000
Collector Current, IC (mA)
DC Current Transfer Ratio
vs. Collector Current
Collector to Emitter Saturation
Voltage vs. Collector Current
1
3
10
30
100 300 1000
Collector Current, IC (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
TC=
75°
C
IC=10 IB
-20
TC=-2
0°C
IC=10IB
25
75
1
3
10
30
100 300 1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
Collector Current, IC (mA)
Base to Emitter Saturation Voltage
vs. Collector Current
10
30
100
300
1,000
Collector Current, IC (mA)
0
40
80
120
160
200
240
Gain Bandwidth Product vs.
Collector Current
VCE=5V
Ta=25°C
1
510
50
20
100
2
2
5
10
20
50
100
200
Collector to Base Voltage, VCB (V)
Collector Output Capacitance
vs. Collector to Base Voltage
f=1MHz
IE=0
DC Operation (TC=25°C)
(13.3V, 1.5A)
40V, 0.5A
(120V, 0.04A)
(160V, 0.02A)
2SD669
2SD669A
Area of Safe Operation
Collector to Emitter Voltage, VCE (V)
13
10
100
300
0.01
0.03
0.1
0.3
1.0
3
30


Similar Part No. - 2SD669A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD669A HITACHI-2SD669A Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SD669A ISC-2SD669A Datasheet
299Kb / 2P
   isc Silicon NPN Power Transistor
logo
Weitron Technology
2SD669A WEITRON-2SD669A Datasheet
245Kb / 5P
   NPN Epitaxial Planar Transistors
logo
List of Unclassifed Man...
2SD669A ETC2-2SD669A Datasheet
64Kb / 1P
   NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SD669A SAVANTIC-2SD669A Datasheet
276Kb / 5P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD669A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_11 Datasheet
232Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649A UTC-2SB649A_15 Datasheet
300Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_09 Datasheet
194Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_12 Datasheet
138Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669 Datasheet
77Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669A UTC-2SD669A_15 Datasheet
241Kb / 6P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Nell Semiconductor Co.,...
2SB649AM NELLSEMI-2SB649AM Datasheet
182Kb / 4P
   Bipolar General Purpose PNP Power Transistor
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com