Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22946 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22946
Description  ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22946 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22946 Datasheet HTML 1Page - Texas Instruments TPS22946 Datasheet HTML 2Page - Texas Instruments TPS22946 Datasheet HTML 3Page - Texas Instruments TPS22946 Datasheet HTML 4Page - Texas Instruments TPS22946 Datasheet HTML 5Page - Texas Instruments TPS22946 Datasheet HTML 6Page - Texas Instruments TPS22946 Datasheet HTML 7Page - Texas Instruments TPS22946 Datasheet HTML 8Page - Texas Instruments TPS22946 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS22946
www.ti.com
SLVS984A – SEPTEMBER 2009 – REVISED FEBRUARY 2010
ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH
WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
Check for Samples: TPS22946
1
FEATURES
DESCRIPTION
Ultra-Low Quiescent Current 1 mA (typ)
at VIN = 1.8 V
The TPS22946 is an ultra-low power load switch that
provides
protection
to
systems
and
loads
in
Input Voltage Range: 1.62 V to 5.5 V
high-current
conditions.
The
device
contains
a
Low ON-Resistance
300-m
Ω current-limited P-channel MOSFET that can
rON = 300 mΩ at VIN = 5.5 V
operate over an input voltage range of 1.62 V to
rON = 400 mΩ at VIN = 3.3 V
5.5 V. The switch is controlled by an on/off input
(ON), which is capable of interfacing directly with
rON = 500 mΩ at VIN = 2.5 V
low-voltage control signals. The TPS22946 includes
rON = 600 mΩ at VIN = 1.8 V
thermal shutdown protection that prevents damage to
Selectable Minimum Current Limit:
the device when a continuous over-current condition
causes excessive heating by turning off the switch.
155 mA, 70 mA, or 30 mA
Integrated Inrush Current Timeout (8 ms)
When the switch current reaches the maximum limit,
the TPS22946 operates in a constant-current mode to
Shutdown Current: < 1 mA
prohibit excessive currents from causing damage.
Thermal Shutdown
The current limit can be selected using the CL input:
Fault Blanking
a high CL input sets the current limit to 155 mA, a low
CL input sets the current limit to 70 mA, and a
Auto Restart
floating CL input sets the current limit to 30 mA.
Over-Current Condition Timeout (Automatic
Disable for Permanent Over-Current)
If the constant current condition still persists after 10
ms, the switch is turned off and the fault signal pin
1.8-V Compatible Control Input
(OC)
is
pulled
low.
The
TPS22946
has
an
ESD Performance Tested Per JESD 22
auto-restart feature which turns the switch on again
6000-V Human-Body Model
after 70 ms if the ON pin is still active. If the
(A114-B, Class II)
TPS22946 remains in an over-current condition for 5
seconds, the device shuts off until it is turned back on
Tiny WCSP Package 1.4mm x 0.9 mm (YZP)
by setting the ON control signal off and then on
again.
APPLICATIONS
If the device is used to protect an LDO, the inrush
Fingerprint Module Protection
current required by the LDO at startup can, in some
Portable Consumer Electronics
cases, exceed the current limit and initiate a blanking
Mobile Phones
(current
limiting)
condition.
TPS22946
provides
Smartphone
allowance for this scenario during startup of the LDO
Notebooks
by temporarily increasing the current limit to 435-mA
for 8-ms after the load switch is enabled.
GPS Devices
The
TPS22946
is
available
in
space-saving
6-terminal WCSP (YZP) package. It is characterized
for operation over the free-air temperature range of
–40°C to 85°C.
Table 1. FEATURE LIST
INTEGRATED
CURRENT
AUTO-
OVER-
rON (TYP) AT
INRUSH
LIMIT
CURRENT LIMIT
RESTART
CURRENT
ENABLE
5.5 V
CURRENT
BLANKING
TIME
TIMEOUT
TIMEOUT
TIME
TPS22946
300 m
30 mA, 70 mA, or 155 mA
Yes
10 ms
70 ms
6 s
Active high
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22946

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
TPS22946YZPR TI-TPS22946YZPR Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
More results

Similar Description - TPS22946

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22946 TI-TPS22946 Datasheet
695Kb / 30P
[Old version datasheet]   ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com