Selected language     English  ▼


4-1415899-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1415899-1
Description  Power PCB Relay RZ
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Datasheet Rev. IK1
Issued 2009/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Power PCB Relay RZ
n 1 pole 12 / 16 A, 1 CO or 1 NO contact
n DC-coil 400 mW
n 5 kV / 10 mm coil-contact, reinforced insulation
n Ambient temperature 85°C, HOT version for 105°C
n Product in accordance to IEC60335-1
Applications
Household appliances, boiler control, timers, garage door
control, POS automation
F0305-A
Approvals
V REG.-Nr. C693, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO contact
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
12 A
16 A
Maximum breaking capacity AC
3000 VA
4000 VA
Contact material
AgNi 90/10 or AgSnO
Rated frequency of operation with / without load
6 / 1200 min-1
Operate- / release time DC coil
max 8 / 6 ms
Bounce time NO / NC contact
max 4 / 6 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
RZ03-1.4-D...
NO
16 A, 250 VAC
85°C
30x103
RZ03-1C4-D...
CO
16 A, 250 VAC
85°C
10x103
RZ03-1.4-D...
NO
16 A, 250 VAC
70°C
50x103
RZ01-1.4-D...
NO
12 A, 250 VAC
85°C
50x103
RZ01-1C4-D...
CO
12 A, 250 VAC
85°C
30x103
RZ01-1.4-D...
NO
12 A, 250 VAC
70°C
100x103
RZH3-1.4-D...
NO
10 A, 250 VAC
105°C
100x103
RZH3-1C4-D...
CO
16 A, 250 VAC
105°C
10x103
UL 508
RZ03-1.4-D...
NO
B300
85°C
6x103
RZ03-1.4-D...
NO
R300
85°C
6x103
RZ03-1.4-D...
NO
1/2 hp, 125 VAC
85°C
6x103
RZ03-1.4-D...
NO
1 hp, 277 VAC
85°C
6x103
RZH3-1.4-D...
NO
10 A, 250 VAC
105°C
150x103
Approvals in process
RZ03-1.3-D...
NO
16 A, 250 VAC
85°C
50x103
RZ03-1.3-D...
CO
16 A, 250 VAC
85°C
10x103
RZ03-1.3-D...
NO
1 hp, 277 VAC
85°C
30x103
Coil data
Rated coil voltage range
5...48 VDC
Operative range to IEC 61810 standard / HOT-version
2 / 90...110% URTD
Coil insulation system according UL1446
class F




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl