Selected language     English  ▼


4-1415899-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 4-1415899-1
Description  Power PCB Relay RZ
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
Datasheet Rev. IK1
Issued 2009/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Power PCB Relay RZ (Continued)
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
D005
5
3.5
0.5
60
+10%
420
D006
6
4.2
0.6
90
+10%
400
D009
9
6.3
0.9
200
+10%
400
D012
12
8.4
1.2
360
+10%
400
D024
24
16.8
2.4
1440
+10%
400
D048
48
33.6
4.8
5730
+10%
400
All figures are given for coil without preenergization, at ambient temperature +23°C
Continuous thermal load > 10 A at 105°C requires reduction of coil power to 64% of rated
power after 100 ms.
Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250 V
Insulation to EN61810-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree 12 A version
3
3
16 A version
3
2
Rated voltage system
240 V
230 / 400 V
Overvoltage category
III
Other data
Mechanical endurance
> 10 x 106 cycles
Material
RoHS - Directive 2002/95/EC
compliant
Resistance to heat and fire
according EN60335-1, par.30
Environment
Ambient temperature range Standard version
-40...+85°C
HOT version
-40...+105°C
Vibration resistance (function; 30...500 Hz)
closing NO contact
> 15 g
opening NO contact
> 20 g
opening NC contact
> 5 g
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof, RTIII - wash tight
Processing
Mounting
pcb
Mounting distance Standard version
W 0 mm
HOT version
W 2 mm
Resistance to soldering heat flux proof version
270°C / 10 s
Relay weight
10 g
Packaging unit
20 / 500 pcs
PCB layout / terminal assignment
Bottom view on solder pins
1 CO contact
1 NO contact
1 CO contact
1 NO contact
S0163-BE
S0163-BG
S0163-BH
S0163-BF
12 A, pinning 3.5 mm
16 A, pinning 5 mm
Recommended pcb hole for manual
mounting:
k1.3
For automated mounting please ask for
detailed drawing.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl