Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF020B-80-4C-QAE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25VF020B-80-4C-QAE
Description  2 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF020B-80-4C-QAE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25VF020B-80-4C-QAE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF020B-80-4C-QAE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
©2010 Silicon Storage Technology, Inc.
S71417-02-000
04/10
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Single Voltage Read and Write Operations
– 2.7-3.6V
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
High Speed Clock Frequency
– Up to 80 MHz
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Read Current: 10 mA (typical)
– Standby Current: 5 µA (typical)
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
Fast Erase and Byte-Program:
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 7 µs (typical)
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin in AAI Mode
Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
Software Write Protection
– Write protection through Block-Protection bits in
status register
Temperature Range
– Commercial: 0°C to +70°C
– Industrial: -40°C to +85°C
Packages Available
– 8-lead SOIC (150 mils)
– 8-contact WSON (6mm x 5mm)
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The 25 series Serial Flash family features a four-wire, SPI-
compatible interface that allows for a low pin-count pack-
age which occupies less board space and ultimately lowers
total system costs. The SST25VF020B devices are
enhanced with improved operating frequency and even
lower power consumption. SST25VF020B SPI serial flash
memories are manufactured with SST proprietary, high-
performance CMOS SuperFlash technology. The split-gate
cell design and thick-oxide tunneling injector attain better
reliability and manufacturability compared with alternate
approaches.
The SST25VF020B devices significantly improve perfor-
mance and reliability, while lowering power consumption.
The devices write (Program or Erase) with a single power
supply of 2.7-3.6V for SST25VF020B. The total energy
consumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash memory technologies.
The SST25VF020B device is offered in 8-lead SOIC (150
mils) and 8-contact WSON (6mm x 5mm) packages. See
Figure 2 for pin assignments.
2 Mbit SPI Serial Flash
SST25VF020B
SST25VF040B4Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25VF020B-80-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF020B-80-4C-QAE MICROCHIP-SST25VF020B-80-4C-QAE Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
More results

Similar Description - SST25VF020B-80-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com