Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF016B Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST25VF016B
Description  16 Mbit SPI Serial Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF016B Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST25VF016B Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF016B Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Data Sheet
16 Mbit SPI Serial Flash
SST25VF016B
©2008 Silicon Storage Technology, Inc.
S71271-03-000
9/08
High-Speed-Read (80 MHz)
The High-Speed-Read instruction supporting up to 80 MHz
Read is initiated by executing an 8-bit command, 0BH, fol-
lowed by address bits [A23-A0] and a dummy byte. CE#
must remain active low for the duration of the High-Speed-
Read cycle. See Figure 6 for the High-Speed-Read
sequence.
Following a dummy cycle, the High-Speed-Read instruc-
tion outputs the data starting from the specified address
location. The data output stream is continuous through all
addresses until terminated by a low to high transition on
CE#. The internal address pointer will automatically incre-
ment until the highest memory address is reached. Once
the highest memory address is reached, the address
pointer will automatically increment to the beginning (wrap-
around) of the address space. Once the data from address
location 1FFFFFH has been read, the next output will be
from address location 000000H.
FIGURE 6: High-Speed-Read Sequence
1271 HSRdSeq.0
CE#
SO
SI
SCK
ADD.
012 3 4 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
Note: X = Dummy Byte: 8 Clocks Input Dummy Cycle (VIL or VIH)


Similar Part No. - SST25VF016B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
3Mb / 31P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF016B MICROCHIP-SST25VF016B Datasheet
394Kb / 30P
   16 Mbit SPI Serial Flash
07/14/15
logo
Silicon Storage Technol...
SST25VF016B-50-4C-QAF SST-SST25VF016B-50-4C-QAF Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
More results

Similar Description - SST25VF016B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF016B MICROCHIP-SST25VF016B Datasheet
394Kb / 30P
   16 Mbit SPI Serial Flash
07/14/15
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B Datasheet
351Kb / 28P
   16 Mbit SPI Serial Flash
SST25VF016B SST-SST25VF016B_11 Datasheet
3Mb / 31P
   16 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com