Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF020 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST25WF020
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF020 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST25WF020 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
FIGURE 1: Functional Block Diagram
1328 F01.0
I/O Buffers
and
Data Latches
SuperFlash
Memory
X - Decoder
Control Logic
Address
Buffers
and
Latches
CE#
Y - Decoder
SCK
SI
SO
WP#
RST#/HOLD#
Serial Interface
Note: In AAI mode, the SO pin functions as an RY/BY# pin when configured as a ready/busy
status pin. See “End-of-Write Detection” on page 14 for more information.


Similar Part No. - SST25WF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF020 SST-SST25WF020 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF020 MICROCHIP-SST25WF020 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
SST25WF020-40-5I-QAE MICROCHIP-SST25WF020-40-5I-QAE Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
SST25WF020-40-5I-SAF MICROCHIP-SST25WF020-40-5I-SAF Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
More results

Similar Description - SST25WF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com