Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF040B-80-4C-QAF Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25VF040B-80-4C-QAF
Description  4 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B-80-4C-QAF Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25VF040B-80-4C-QAF Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040B-80-4C-QAF Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
©2009 Silicon Storage Technology, Inc.
S71295-05-000
10/09
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Single Voltage Read and Write Operations
– 2.7-3.6V
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
High Speed Clock Frequency
– Up to 50/80 MHz
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Read Current: 10 mA (typical)
– Standby Current: 5 µA (typical)
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
Fast Erase and Byte-Program:
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 7 µs (typical)
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin in AAI Mode
Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
Software Write Protection
– Write protection through Block-Protection bits in
status register
Temperature Range
– Commercial: 0°C to +70°C
– Industrial: -40°C to +85°C
Packages Available
– 8-lead SOIC (200 mils)
– 8-lead SOIC (150 mils)
– 8-contact WSON (6mm x 5mm)
All devices are RoHS compliant
PRODUCT DESCRIPTION
The 25 series Serial Flash family features a four-wire, SPI-
compatible interface that allows for a low pin-count pack-
age which occupies less board space and ultimately lowers
total system costs. The SST25VF040B devices are
enhanced with improved operating frequency and even
lower power consumption. SST25VF040B SPI serial flash
memories are manufactured with SST proprietary, high-
performance CMOS SuperFlash technology. The split-gate
cell design and thick-oxide tunneling injector attain better
reliability and manufacturability compared with alternate
approaches.
The SST25VF040B devices significantly improve perfor-
mance and reliability, while lowering power consumption.
The devices write (Program or Erase) with a single power
supply of 2.7-3.6V for SST25VF040B. The total energy
consumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash memory technologies.
The SST25VF040B device is offered in an 8-lead SOIC
(200 mils), 8-lead SOIC (150 mils), and 8-contact WSON
(6mm x 5mm) packages. See Figure 2 for pin assignments.
4 Mbit SPI Serial Flash
SST25VF040B
SST25VF040B4Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25VF040B-80-4C-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B-50-4C-QAF-T MICROCHIP-SST25VF040B-50-4C-QAF-T Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
More results

Similar Description - SST25VF040B-80-4C-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com