Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF020-40-5I-QAF Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST25WF020-40-5I-QAF
Description  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF020-40-5I-QAF Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25WF020-40-5I-QAF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
Block-Protection (BP2, BP1, BP0)
The Block-Protection (BP1, BP0) bits define the size of the
memory area to be software protected against any mem-
ory Write (Program or Erase) operation, see Tables 5-7.
The Write-Status-Register (WRSR) instruction is used to
program the BP1 and BP0 bits as long as WP# is high or
the Block-Protect-Lock (BPL) bit is ‘0’. Chip-Erase can only
be executed if Block-Protection bits are all ‘0’. After power-
up, BP2, BP1, and BP0 are set to defaults. See Table 4 for
defaults at power-up.
Block Protection Lock-Down (BPL)
When the WP# pin is driven low (VIL), it enables the Block-
Protection-Lock-Down (BPL) bit. When BPL is set to ‘1’, it
prevents any further alteration of the BPL, BP1, and BP0
bits. When the WP# pin is driven high (VIH), the BPL bit
has no effect and its value is ‘Don’t Care’. After power-up,
the BPL bit is reset to ‘0’.
TABLE
5: Software Status Register Block Protection for SST25WF512
Protection Level
Status Register Bit
Protected Memory Address
BP11
1. Default at power-up for BP1 and BP0 is ‘11’.
BP0
512 Kbit
None
0
0
None
1 (Upper Quarter Memory)
0
1
00C000H-00FFFFH
2 (Upper Half Memory)
1
0
008000H-00FFFFH
3 (Full Memory)
1
1
000000H-00FFFFH
T5.1 1328
TABLE
6: Software Status Register Block Protection for SST25WF010
Protection Level
Status Register Bit
Protected Memory Address
BP11
1. Default at power-up for BP1 and BP0 is ‘11’.
BP0
1 Mbit
None
0
0
None
1 (Upper Quarter Memory)
0
1
018000H-01FFFFH
2 (Upper Half Memory)
1
0
010000H-01FFFFH
3 (Full Memory)
1
1
000000H-01FFFFH
T6.0 1328
TABLE
7: Software Status Register Block Protection for SST25WF020
Protection Level
Status Register Bit
Protected Memory Address
BP11
1. Default at power-up for BP1 and BP0 is ‘11’.
BP0
2 Mbit
None
0
0
None
1 (Upper Quarter Memory)
0
1
030000H-03FFFFH
2 (Upper Half Memory)
1
0
020000H-03FFFFH
3 (Full Memory)
1
1
000000H-03FFFFH
T7.0 1328


Similar Part No. - SST25WF020-40-5I-QAF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF020-40-5I-QAE MICROCHIP-SST25WF020-40-5I-QAE Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results

Similar Description - SST25WF020-40-5I-QAF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com