Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0502BA Datasheet(PDF) 1 Page - Semtech Corporation

Part # RCLAMP0502BA
Description  Ultra-Low Capacitance TVS for ESD and CDE Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0502BA Datasheet(HTML) 1 Page - Semtech Corporation

  RCLAMP0502BA Datasheet HTML 1Page - Semtech Corporation RCLAMP0502BA Datasheet HTML 2Page - Semtech Corporation RCLAMP0502BA Datasheet HTML 3Page - Semtech Corporation RCLAMP0502BA Datasheet HTML 4Page - Semtech Corporation RCLAMP0502BA Datasheet HTML 5Page - Semtech Corporation RCLAMP0502BA Datasheet HTML 6Page - Semtech Corporation RCLAMP0502BA Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.semtech.com
RClamp0502BA
Ultra-Low Capacitance TVS
for ESD and CDE Protection
PROTECTION PRODUCTS - RailClamp®
®
®
®
®
Description
Features
Dimensions
Schematic & PIN Configuration
Revision 4/19/2010
RailClamp® TVS diodes are specifically designed to
protect sensitive components which are connected to
high-speed data and transmission lines from overvolt-
age caused by ESD (electrostatic discharge), CDE
(cable discharge events), and EFT (electrical fast
transients).
The RClamp®0502BA has a typical capacitance of only
0.60pF (pin 1 to 2). This means it can be used on
circuits operating in excess of 3GHz with minimal signal
attenuation. They may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge). Each device can
be configured to protect 1 bidirectional line or two
unidirectional lines.
These devices are in a small SC-75 (SOT-523) package
and feature a lead-free, matte tin finish. They are com-
patible with both lead free and SnPb assembly tech-
niques. They are designed for use in applications where
board space is at a premium. The combination of small
size, low capacitance, and high level of ESD protection
makes them a flexible solution for applications such as
HDMI, MDDI, antenna circuits, Automatic Test Equipment,
USB 2.0, and Infiniband circuits.
Applications
Mechanical Characteristics
Mobile Display Digital Interface (MDDI)
USB 2.0
Firewire Ports
GaAs Photodetector Protection
HBT Power Amp Protection
Infiniband Transceiver Protection
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±18kV (air), ±12kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Protects up to two I/O lines
Ultra-Low capacitance (<1pF)
No insertion loss to >3.0GHz
>3.0GHz
>3.0GHz
>3.0GHz
>3.0GHz
Low profile (<1mm)
Low leakage current and clamping voltage
Low operating voltage: 5.0V
Solid-state silicon-avalanche technology
SC-75 (SOT-523) package
Lead Finish: Matte Tin
Pb-Free, Halogen Free, RoHS/WEEE Compliant
Molding compound flammability rating: UL 94V-0
Packaging: Tape and Reel
SC-75 3L (Top View)
12
3
1.60
1.60
1.00
BSC
0.50 BSC
0.75
0.80
Nominal Dimensions (mm)


Similar Part No. - RCLAMP0502BA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RClamp0502BATCT SEMTECH-RClamp0502BATCT Datasheet
564Kb / 8P
   Low Capacitance RailClamp
RCLAMP0502BA SEMTECH-RCLAMP0502BA_17 Datasheet
564Kb / 8P
   Low Capacitance RailClamp
More results

Similar Description - RCLAMP0502BA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2402B SEMTECH-RCLAMP2402B Datasheet
195Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Yea Shin Technology Co....
YSLC05C YEASHIN-YSLC05C Datasheet
998Kb / 4P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B Datasheet
189Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP1502B SEMTECH-RCLAMP1502B_09 Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502B SEMTECH-RCLAMP0502B Datasheet
317Kb / 9P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Pan Jit International I...
PJE5UFN10A-AU PANJIT-PJE5UFN10A-AU Datasheet
235Kb / 5P
   Ultra Low Capacitance TVS-ESD Protection
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
logo
Rectron Semiconductor
TEP0801SLC RECTRON-TEP0801SLC Datasheet
751Kb / 6P
   Ultra Low Capacitance TVS/ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SZMD0502 SECOS-SZMD0502 Datasheet
209Kb / 2P
   Ultra Low Capacitance TVS/ESD Protection Diode
logo
Rectron Semiconductor
TEP0302D RECTRON-TEP0302D Datasheet
181Kb / 4P
   Ultra Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com