Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF080B-80-4I-S2AF Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST25VF080B-80-4I-S2AF
Description  8 Mbit SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B-80-4I-S2AF Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25VF080B-80-4I-S2AF Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B-80-4I-S2AF Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
5
©2010 Silicon Storage Technology, Inc.
S71296-04-000
01/10
Hold Operation
The HOLD# pin is used to pause a serial sequence under-
way with the SPI flash memory without resetting the clock-
ing sequence. To activate the HOLD# mode, CE# must be
in active low state. The HOLD# mode begins when the
SCK active low state coincides with the falling edge of the
HOLD# signal. The HOLD mode ends when the HOLD#
signal’s rising edge coincides with the SCK active low state.
If the falling edge of the HOLD# signal does not coincide
with the SCK active low state, then the device enters Hold
mode when the SCK next reaches the active low state.
Similarly, if the rising edge of the HOLD# signal does not
coincide with the SCK active low state, then the device
exits in Hold mode when the SCK next reaches the active
low state. See Figure 4 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, it resets
the internal logic of the device. As long as HOLD# signal is
low, the memory remains in the Hold condition. To resume
communication with the device, HOLD# must be driven
active high, and CE# must be driven active low. See Figure
24 for Hold timing.
FIGURE 4: Hold Condition Waveform
Write Protection
SST25VF080B provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-down
function of the status register. The Block-Protection bits
(BP3, BP2, BP1, BP0, and BPL) in the status register pro-
vide Write protection to the memory array and the status
register. See Table 4 for the Block-Protection description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down func-
tion of the BPL bit (bit 7) in the status register. When WP#
is driven low, the execution of the Write-Status-Register
(WRSR) instruction is determined by the value of the BPL
bit (see Table 2). When WP# is high, the lock-down func-
tion of the BPL bit is disabled.
Active
Hold
Active
Hold
Active
1296 HoldCond.0
SCK
HOLD#
TABLE
2: Conditions to execute Write-Status-
Register (WRSR) Instruction
WP#
BPL
Execute WRSR Instruction
L
1
Not Allowed
L0
Allowed
HX
Allowed
T2.0 1296


Similar Part No. - SST25VF080B-80-4I-S2AF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25VF080B-50-4C-PAE MICROCHIP-SST25VF080B-50-4C-PAE Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4C-PAE MICROCHIP-SST25VF080B-50-4C-PAE Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B-50-4C-PAE-T MICROCHIP-SST25VF080B-50-4C-PAE-T Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF080B-50-4C-QAF SST-SST25VF080B-50-4C-QAF Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B-50-4C-QAF SST-SST25VF080B-50-4C-QAF Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
More results

Similar Description - SST25VF080B-80-4I-S2AF

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com