Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1511B Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1511B
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1511B Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1511B Datasheet HTML 6Page - Semtech Corporation SX1511B Datasheet HTML 7Page - Semtech Corporation SX1511B Datasheet HTML 8Page - Semtech Corporation SX1511B Datasheet HTML 9Page - Semtech Corporation SX1511B Datasheet HTML 10Page - Semtech Corporation SX1511B Datasheet HTML 11Page - Semtech Corporation SX1511B Datasheet HTML 12Page - Semtech Corporation SX1511B Datasheet HTML 13Page - Semtech Corporation SX1511B Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
10
www.semtech.com
SX1510B/SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Symbol
Description
Conditions
Min
Typ
Max
Unit
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOHM
High level output source current
VDDM < 2V
-
-
2
mA
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
fSCK
SCK max clock frequency
-
-
20
(4)
-
MHz
tSCK,LOW
SCK low time (% of SCK cycle)
-
45
-
55
%
tSCK,HIGH
SCK high time (% of SCK cycle)
-
45
-
55
%
tSI,SETUP
SI setup time
-
9
-
-
ns
tSI,HOLD
SI hold time
-
9
-
-
ns
tSO,VALID
SO valid time (% of SCK cycle)
After SCK falling edge
-
-
33
(4)
%
tNSS,SCK
NSS low to SCK rising edge
-
25
-
-
ns
tSCK,NSS
SCK falling edge to NSS high
-
25
-
-
ns
tNSS,HIGH
NSS rising to falling edge
-
25
-
-
ns
Miscellaneous
RPULL
Programmable pull-up/down
resistors for IO[0-7]
-
-
42
-
k
Internal (SX1510B)
1.1
2
3
Internal (SX1511/12B)
1.3
2
2.6
fOSC
Oscillator frequency
External from OSCIN
(40-60% duty cycle)
-
-
2.6
MHz
(1) Assuming no load connected to outputs and inputs fixed to VCC1,2 or GND.
(2) Can be increased by tying together and driving simultaneously several I/Os.
(3) SX1511/12B with RegHighInput bit enabled (VCCx min =1.65V), else 3.6V (VCCx min = 1.2V)
(4) fSCK is calculated assuming a tSO,VALID of maximum 1/3 of SCK cycle. This gives 1/6 of SCK cycle as setup time to the host controller.
For systems where the setup time can be relaxed, tSO,VALID is also shown in §3 to allow the user to calculate the maximum SPI frequency
for individual systems.
Table 6 – Electrical Specifications


Similar Part No. - SX1511B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511BIULTRT SEMTECH-SX1511BIULTRT Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511BIULTRT SEMTECH-SX1511BIULTRT Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1511B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507QB SEMTECH-SX1507QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com