Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1509BEVK Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX1509BEVK
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1509BEVK Datasheet(HTML) 1 Page - Semtech Corporation

  SX1509BEVK Datasheet HTML 1Page - Semtech Corporation SX1509BEVK Datasheet HTML 2Page - Semtech Corporation SX1509BEVK Datasheet HTML 3Page - Semtech Corporation SX1509BEVK Datasheet HTML 4Page - Semtech Corporation SX1509BEVK Datasheet HTML 5Page - Semtech Corporation SX1509BEVK Datasheet HTML 6Page - Semtech Corporation SX1509BEVK Datasheet HTML 7Page - Semtech Corporation SX1509BEVK Datasheet HTML 8Page - Semtech Corporation SX1509BEVK Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
1
www.semtech.com
SX1507QB/SX1508QB/SX1509QB
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
SX1507QB/SX1508QB/SX1509QB
World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
GENERAL DESCRIPTION
The SX1507QB, SX1508QB and SX1509QB are
complete ultra low voltage General Purpose parallel
Input/Output (GPIO) expanders ideal for low power
handheld battery powered equipment. This family of
GPIOs comes in 4-, 8-, 16-channel configuration and
allows easy serial expansion of I/O through a
standard 400kHz I
2C interface. GPIO devices can
provide additional control and monitoring when the
microcontroller or chipset has insufficient I/O ports, or
in systems where serial communication and control
from a remote location is advantageous.
These devices can also act as a level shifter to
connect a microcontroller running at one voltage level
to a component running at a different voltage level,
thus eliminating the need for extra level translating
circuits. The core is operating as low as 1.2V
(SX1507QB) while the dual I/O banks can operate
between 1.2V and 5.5V (SX1507QB) independent of
the core voltage and each other (5.5V tolerant).
The SX1507QB, SX1508QB and SX1509QB feature
a fully programmable LED Driver with internal
oscillator for enhanced lighting control such as
intensity (via 256-step PWM), blinking and breathing
(fade in/out) make them highly versatile for a wide
range of LED applications.
In addition, keypad applications are also supported
with
an
on-chip
scanning
engine that enables
continuous keypad monitoring up to 64 keys without
any additional host interaction reducing bus activity.
The SX1507QB, SX1508QB and SX1509QB have
the ability to generate mask-programmable interrupts
based on a falling/rising edge of any of its GPIO lines.
A dedicated pin (NINT) indicates to a host controller
that a state change occurred on one or more of the
lines. Each GPIO is programmable via a bank of 8-bit
configuration registers that include data, direction,
pull-up/pull-down,
interrupt
mask
and
interrupt
registers. These I/O expanders feature small footprint
packages and are rated from -40°C to +85°C
temperature range.
ORDERING INFORMATION
Part Number
I/Os
Package
Marking
SX1507QBXXX
(1)
4
QFN-UT-14
-
SX1508QBIULTRT
8
QFN-UT-20
HAB7
SX1509QBIULTRT
16
QFN-UT-28
HCA5
SX1508BEVK
8
Evaluation Kit
-
SX1509BEVK
16
Evaluation Kit
-
(1)
Future product
KEY PRODUCT FEATURES
1.2V to 5.5V (SX1507QB) Low Operating
Voltage with Dual
Independent I/O Rails
(VCC1, VCC2)
Enable Direct Level Shifting Between I/O
Banks and Host Controller
5.5V Tolerant I/Os, Up to 15mA Output Sink on
All I/Os (No Total Sink Current Limit)
Integrated LED Driver for Enhanced Lighting
Intensity Control (256-step PWM)
Blink Control (224 On/Off values)
Breathing Control (224 Fade In/Out values)
On-Chip Keypad Scanning Engine
Support Up to 8x8 Matrix (64 Keys)
Configurable Input Debouncer
4/8/16 Channels of True Bi-directional Style I/O
Programmable Pull-up/Pull-down
Push/Pull or Open-drain outputs
Programmable Polarity
Open Drain Active Low Interrupt Output (NINT)
Bit Maskable
Programmable Edge Sensitivity
Built-in Clock Management (Internal 2MHz
Oscillator/External Clock Input, 7 clock values)
OSCIO can be Configured as GPO
400kHz I
2C Compatible Slave Interface
4 User-Selectable I²C Slave Addresses
Power-On Reset and Reset Input (NRESET)
Ultra Low Current Consumption: 1uA Typ
-40°C to +85°C Operating Temperature Range
Up to 2kV HBM ESD Protection
Small Footprint Packages
Pb & Halogen Free, RoHS/WEEE compliant
TYPICAL APPLICATIONS
Cell phones, PDAs, MP3 players
Digital camera, Notebooks, GPS Units
Any battery powered equipment
I2C
NRESET
NINT
VDDM
1.425 - 3.6V
VCC1
1.2 - 3.6V
VCC2
1.2 - 3.6V
SX1508QB
FULL LED DRIVE
KEYPAD SCANNING
BUTTON CONTROL
Host
Controller
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
LEVEL SHIFTING


Similar Part No. - SX1509BEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1509BEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com