Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1509BEVK Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1509BEVK
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1509BEVK Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1509BEVK Datasheet HTML 6Page - Semtech Corporation SX1509BEVK Datasheet HTML 7Page - Semtech Corporation SX1509BEVK Datasheet HTML 8Page - Semtech Corporation SX1509BEVK Datasheet HTML 9Page - Semtech Corporation SX1509BEVK Datasheet HTML 10Page - Semtech Corporation SX1509BEVK Datasheet HTML 11Page - Semtech Corporation SX1509BEVK Datasheet HTML 12Page - Semtech Corporation SX1509BEVK Datasheet HTML 13Page - Semtech Corporation SX1509BEVK Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
10
www.semtech.com
SX1507QB/SX1508QB/SX1509QB
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Symbol
Description
Conditions
Min
Typ
Max
Unit
Interface complies with slave F/S mode I
2C interface as described by Philips I2C specification version 2.1
dated January, 2000. Please refer to that document for more detailed I
2C specifications.
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
VDDM >= 2V
0.7*VDDM
-
VDDMmax
VIHMR
High level input voltage
VDDM < 2V
0.8*VDDM
-
VDDMmax
V
VDDM >= 2V
-0.4
-
0.3*VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*VDDM
V
fSCL
SCL clock frequency
-
-
-
400
kHz
tHD;STA
Hold time (repeated) START
condition
-
0.6
-
-
µs
tLOW
LOW period of the SCL clock
-
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
-
0.6
-
-
µs
tSU;STA
Set-up time for a repeated
START condition
-
0.6
-
-
µs
tHD;DAT
Data hold time
-
0
(4)
-
0.9
(5)
µs
tSU;DAT
Data set-up time
-
100
(6)
-
-
ns
tr
Rise time of both SDA and SCL
-
20+0.1Cb
(7)
-
300
ns
tf
Fall time of both SDA and SCL
-
20+0.1Cb
(7)
-
300
ns
tSU;STO
Set-up time for STOP condition
-
0.6
-
-
µs
tBUF
Bus free time between a STOP
and START condition
-
1.3
-
-
µs
Cb
Capacitive load for each bus line
-
-
-
400
pF
VnL
Noise margin at the LOW level
for each connected device
(including hysteresis)
-
-
0.1*
VDDM
-
V
VnH
Noise margin at the HIGH level
for each connected device
(including hysteresis)
-
-
0.2*
VDDM
-
V
tSP
Pulse width of spikes
suppressed by the input filter
-
-
-
50
ns
Miscellaneous
RPULL
Programmable pull-up/down
resistors for IO[0-7]
-
-
42
-
k
Internal (SX1507QB)
1.1
2
3
Internal (SX1508/9QB)
1.3
2
2.6
fOSC
Oscillator frequency
External from OSCIN
(40-60% duty cycle)
-
-
2.6
MHz
(1) Assuming no load connected to outputs and inputs fixed to VCC1,2 or GND.
(2) Can be increased by tying together and driving simultaneously several I/Os.
(3) All values referred to VIHMR min and VILM max levels.
(4) A device must internally provide a hold time of at least 300ns for the SDA signal (referred to VIHMR min) to bridge the undefined region of
the falling edge of SCL.
(5) The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
(6) A Fast-mode I
2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement t
SU;DAT
≥ 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCL signal.
If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tr max+ tSU;DAT = 1000 + 250
= 1250 ns (according to the Standard-mode I2C-bus specification) before the SCL line is released.
(7) Cb = total capacitance of one bus line in pF. If mixed with Hs-mode devices, faster fall-times are allowed.
(8) SX1508/9QB: with RegHighInput bit enabled (VCCx min =1.65V), else 3.6V (VCCx min = 1.2V)
Table 6 – Electrical Specifications


Similar Part No. - SX1509BEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1509BEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com