Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8649 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX8649
Description  Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8649 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX8649 Datasheet HTML 4Page - Semtech Corporation SX8649 Datasheet HTML 5Page - Semtech Corporation SX8649 Datasheet HTML 6Page - Semtech Corporation SX8649 Datasheet HTML 7Page - Semtech Corporation SX8649 Datasheet HTML 8Page - Semtech Corporation SX8649 Datasheet HTML 9Page - Semtech Corporation SX8649 Datasheet HTML 10Page - Semtech Corporation SX8649 Datasheet HTML 11Page - Semtech Corporation SX8649 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision 7_6, February 10
© 2010 Semtech Corp.
www.semtech.com
8
SX8649
Ultra Low Power, Capacitive Button and Wheel
Touch Controller (8 sensors) with Enhanced LED Drivers
2.4
Electrical Specifications
All values are valid within the operating conditions unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current consumption
Active mode, average
IOP,active
30ms scan period,
8 sensors enabled,
minimum sensitivity
175
225
uA
Doze mode, average
IOP,Doze
195ms scan period,
8 sensors enabled,
minimum sensitivity
80
110
uA
Sleep
IOP,sleep
I2C and GPI listening,
sensors disabled
8
17
uA
GPIO, set as Input, RESETB, SCL, SDA
Input logic high
VIH
0.7*VDD
VDD + 0.3V
V
Input logic low
VIL
VSS applied to GND pins
VSS - 0.3V
0.8
V
Input leakage current
LI
CMOS input
±1
uA
Pull up resistor
RPU
when enabled
660
k
Ω
Pull down resistor
RPD
when enabled
660
k
Ω
GPIO set as Output, INTB, SDA
Output logic high
VOH
IOH <4mA
VDD-0.4
V
Output logic low
VOL
IOL,GPIO<12mA
IOL,SDA,INTB<4mA
0.4
V
Start-up
Power up time
tpor
time between rising edge
VDD and rising INTB
150
ms
RESETB
Pulse width
tres
50
ns
External components
Capacitor between VDIG, GND
Cvdig
type 0402, tolerance +/-50%
100
nF
Capacitor between VANA, GND
Cvana
type 0402, tolerance +/-50%
100
nF
Capacitor between CP, CN
Cint
type 0402, tolerance +/-10%
1
nF
Capacitor between VDD, GND
Cvdd
type 0402, tolerance +/-50%
100
nF
Table 5
Electrical Specifications


Similar Part No. - SX8649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
SX8643I05AWLTRT SEMTECH-SX8643I05AWLTRT Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644 Datasheet
748Kb / 78P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644I05ALPTRT2 SEMTECH-SX8644I05ALPTRT2 Datasheet
748Kb / 78P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
More results

Similar Description - SX8649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8647 SEMTECH-SX8647 Datasheet
668Kb / 72P
   Ultra Low Power, Capacitive Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8646 SEMTECH-SX8646 Datasheet
605Kb / 67P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8635 SEMTECH-SX8635 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller with Enhanced LED
SX8660 SEMTECH-SX8660 Datasheet
755Kb / 75P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644_11 Datasheet
748Kb / 78P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8636 SEMTECH-SX8636 Datasheet
917Kb / 71P
   Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com