Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8744EMSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8744EMSTRT
Description  Precision Diode Digital Temperature For Up To 3 External Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8744EMSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8744EMSTRT Datasheet HTML 7Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 8Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 9Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 10Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 11Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 12Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 13Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 14Page - Semtech Corporation SX8744EMSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ACS Revision 2.91/February 2010
©2010 Semtech Corp.
SX8733/SX8743/SX8744
www.semtech.com
Page 11
Digital temperature sensor
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Track resistances up to 1 kOhm may be cancelled. It is important that the track resistance values in the cathode or anode
path of the external sensor are made equal. Care must be taken during PCB layout to match track resistances between the
device and the sensor. Any resistance difference will lead to cancellation errors.
In this mode, VSS is used for the current return path from the cathode. This connection must be placed close to the diode’s
cathode. One port supply the current modulation to the anode and another port supply the cancellation current to the
cathode. The resulting junction voltage modulation is measured between the 2 used ports. Figure 5 explains the method:
Assume sensor Q1 is being measured in mode 2 with 3-point
track resistance cancellation enabled. The PCB trace linking the
device to the external sensor must be matched which means the
PCB track resistance are the same. The same current is forced
out of P1 and P2.
The voltages developed on P1 and P2 traces are the same
therefore the differential voltage seen on P1-P2 is not impacted by
the track resistance.
Figure 5. 3-Point Track Resistance Cancellation
3.5.3. The Kelvin (4-wire) Track Resistance Cancellation
The sensor is connected to the chip via 4 wires. Two comes from
the current source (force : P3, P4) and two are used for the
voltage measurement (sense : P1, P2).
The Kelvin connection avoids the measurement error caused by
the voltage drop in the force path.
Sense leads are attached directly accross the external sensor.
The P1 and P2 connections must be as close as possible to
sensor anode and cathode respectively.
Figure 6. Kelvin (4-wire) Track Resistance Cancellation
3.6. Temperature Acquisition Sequence
The SX8743 monitors up to 4 sensors (3 remote and 1 internal). Theses can be scanned in sequence to make an
automatic reading of the sensors one after the other. The result of each conversion is stored in the temperature registers
(see Table 6). The register RegSensor defines which sensors are scanned in the sequence. When all the sensors are
selected, the sequence is the following: Int
→ Ext1→ Ext2→ Ext3→Int→etc.
P1
P2
VSS
V1
V2
I
I
2I
V1
P1
P2
P3
P4
I
Force (+)
Force (-)
Sense (-)
I
Sense (+)


Similar Part No. - SX8744EMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8744EMSTRT SEMTECH-SX8744EMSTRT Datasheet
349Kb / 25P
   Precision Diode Digital Temperature For Up To 3 External Sensors
More results

Similar Description - SX8744EMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8733 SEMTECH-SX8733_11 Datasheet
349Kb / 25P
   Precision Diode Digital Temperature For Up To 3 External Sensors
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
Teridian Semiconductor ...
71M6515H TERIDIAN-71M6515H_11 Datasheet
832Kb / 60P
   Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
logo
Texas Instruments
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com