Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3535 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3535 Datasheet HTML 1Page - National Semiconductor (TI) LM3535 Datasheet HTML 2Page - National Semiconductor (TI) LM3535 Datasheet HTML 3Page - National Semiconductor (TI) LM3535 Datasheet HTML 4Page - National Semiconductor (TI) LM3535 Datasheet HTML 5Page - National Semiconductor (TI) LM3535 Datasheet HTML 6Page - National Semiconductor (TI) LM3535 Datasheet HTML 7Page - National Semiconductor (TI) LM3535 Datasheet HTML 8Page - National Semiconductor (TI) LM3535 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM3535
August 12, 2010
Multi-Display LED Driver with Ambient Light Sensing and
Dynamic Backlight Control Compatibility
General Description
The LM3535 is a highly integrated LED driver capable of driv-
ing 8 LEDs in parallel for large display applications. Indepen-
dent LED control allows for a subset of the 6 main display
LEDs to be selected for partial illumination applications. In
addition to the main bank of 6, the LM3535 is capable of driv-
ing an additional 2 independently controlled LEDs to support
Indicator applications.
The LED driver current sinks are split into three independently
controlled groups. The primary group can be configured to
drive up to six LEDs for use in the main phone display. Groups
B and C are provided for driving secondary displays, keypads
and indicator LEDs. All of the LED current sources can be
independently turned on and off providing flexibility to address
different application requirements.
The LM3535 provides multi-zone Ambient Light Sensing (1 or
2 ALS inputs depending on option) allowing autonomous
backlight intensity control in the event of changing ambient
light conditions. A PWM input is also provided to give the user
a means to adjust the backlight intensity dynamically based
upon the content of the display.
The LM3535 provides excellent efficiency without the use of
an inductor by operating the charge pump in a gain of 3/2 or
in Pass-Mode. The proper gain for maintaining current regu-
lation is chosen, based on LED forward voltage, so that
efficiency is maximized over the input voltage range.
The LM3535 is available in National’s tiny 20-bump, 0.4mm
pitch, thin micro SMD package.
Features
Drives up to 8 LEDs with up to 25mA of Diode Current
Each
External PWM input for Dynamic Backlight Control
Multi-Zone Ambient Light Sensing (ALS)
Dual-ALS Sensor Inputs (LM3535-2ALS only)
ALS Interrupt Reporting
Independent On/Off Control for all Current Sinks
128 Exponential Dimming Steps with 600:1 Dimming Ratio
for Group A (Up to 6 LEDs)
8 Linear Dimming States for Groups B (Up to 3 LEDs) and
D1C (1 LED)
Programmable Auto-Dimming Function
Up to 90% Efficiency
0.55% Accurate Current Matching
Internal Soft-Start Limits Inrush Current
True Shutdown Isolation for LEDs
Wide Input Voltage Range (2.7V to 5.5V)
Active High Hardware Enable
Total Solution Size < 16mm2
Low Profile 20 Bump micro SMD Package
(1.650mm × 2.055mm × 0.6mm)
Applications
Smart-Phone LED Backlighting
Large Format LCD Backlighting
General LED Lighting
Typical Application Circuit
30082468
30082441
Minimum Layout
© 2010 National Semiconductor Corporation
300824
www.national.com


Similar Part No. - LM3535

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
LM3535TME/NOPB TI1-LM3535TME/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
LM3535TMX/NOPB TI1-LM3535TMX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
More results

Similar Description - LM3535

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
   High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
   Remote Control, Proximity, Ambient Light Sensing
logo
Everlight Electronics C...
APS-16D25-11-DF8-TR8 EVERLIGHT-APS-16D25-11-DF8-TR8 Datasheet
679Kb / 14P
   Ambient light sensing
logo
Analog Devices
ADP5501 AD-ADP5501 Datasheet
1Mb / 28P
   Programmable Current Backlight Driver with Ambient Light Sensor Input
REV. 0
logo
National Semiconductor ...
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
[Old version datasheet]   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com