Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEI15-120-Q48N-C Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # BEI15-120-Q48N-C
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BEI15-120-Q48N-C Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button BEI15-120-Q48N-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BEI15-120-Q48N-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
04 Mar 2010
MDC_BEI15W.A01 Page 10 of 13
PERFORMANCE DATA, BEI15-120-Q12
Efficiency vs. Line Voltage and Load Current @ +25°C
Maximum Current Temperature Derating at Sea Level
(VIN= 9V to 36V, airflow is from pin 1 to pin 3)
71
73
75
77
79
81
83
85
0.13
0.18
0.23
0.28
0.33
0.38
0.43
0.48
0.53
0.58
0.63
Load C urre nt (Amps)
VIN = 9V
VIN = 12V
VIN = 24V
VIN = 36V
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
30
35
40
45
50
55
60
65
70
75
80
85
65 LFM
Ambient Temperature (ºC)
Power Dissipation vs. Load Current @ +25°C
0.5
1.0
1.5
2.0
2.5
3.0
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
0.6
0.6
Output Load C urre nt (Amps)
VIN = 9V
VIN = 12V
VIN = 24V
VIN = 36V


Similar Part No. - BEI15-120-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15-120-Q48 MURATA-BEI15-120-Q48 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-120-Q48 MURATA-PS-BEI15-120-Q48 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
More results

Similar Description - BEI15-120-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com