Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEI15-150-Q12P-C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BEI15-150-Q12P-C
Description  Isolated Wide Input Bipolar 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BEI15-150-Q12P-C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BEI15-150-Q12P-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BEI15-150-Q12P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BEI15 Series
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
PART NUMBER STRUCTURE
04 Mar 2010
MDC_BEI15W.A01 Page 2 of 13
➀ Please refer to the part number structure for additional options and complete
ordering part numbers.
➁ The minimum output load for the BEI-15W series is 10% of maximum current to
meet published specifications. The converter will not be damaged by less than
10% load but some specs may degrade slightly.
➂ All specifications are at nominal line voltage and full load, +25 deg.C. unless
otherwise noted. See detailed specifications and notes for full conditions.
Output capacitors are 1 μF ceramic in parallel with 10 μF electrolytic. The input cap
is 100 μF, low ESR.
I/O caps are necessary for our test equipment and may not be needed for your
application.
RoHS-6 compliance does not claim EU RoHS exemption 7b (lead in solder).
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE
Root Models
Output
Input
Efficiency
Open Frame
Package – C69
VOUT
(V)
IOUT
(mA,
max.)
Total
Power
(W)
R/N (mVp-p)
Regulation (Max.)
VIN
Nom.
(V)
Range
(V)
IIN =
no
load
(mA)
IIN =
full
load
(mA)
Typ.
Max.
Line
Load
Min.
Typ.
(inches)
(mm)
Case
Pinout
BEI15-050-Q12P-C
±5
±1500
15
60
100
±0.25% ±0.25%
24
9-36
90
740
82.8%
84%
0.96x1.1x0.35
24.4x27.9x8.9
P74
BEI15-050-Q48N-C
±5
±1500
15
60
100
±0.25% ±0.25%
48
18-75
50
374
82%
83.5%
BEI15-120-Q12P-C
±12
±625
15
80
120
±0.25% ±0.25%
24
9-36
95
730
82%
86%
BEI15-120-Q48N-C
±12
±625
15
80
120
±0.25% ±0.25%
48
18-75
50
370
84%
85.5%
BEI15-150-Q12P-C
±15
±500
15
100
150
±0.25% ±0.25%
24
9-36
100
740
83%
84%
BEI15-150-Q48N-C
±15
±500
15
100
150
±0.25% ±0.25%
48
18-75
50
360
84.5%
86%
Nominal Output Voltage
in Tenths of a Volt
Bipolar Wide Input
15-Watt Series
BEI15
-
Q12
-
050
- C
RoHS-6 Hazardous
Substance Compliance (note 4)
Input Voltage Range
Q12 = 9-36V
Q48 = 18-75V
Note:
Some model number combinations
may not be available.
Contact Murata Power Solutions.
P
On/Off Control Polarity:
P = Positive
N = Negative
Lx
Pin Length Option
Blank = Std. pin length 0.25˝ (6.3mm)
L1 = 0.110˝ (2.79mm)
L2 = 0.145˝ (3.68mm)
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Your production environment may dif-
fer; therefore please thoroughly review these guidelines with your process engineers.
Wave Solder Operations for through-hole mounted products (THMT)
For Sn/Ag/Cu based solders:
Maximum Preheat Temperature
115° C.
Maximum Pot Temperature
270° C.
Maximum Solder Dwell Time
7 seconds
For Sn/Pb based solders:
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
6 seconds


Similar Part No. - BEI15-150-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BEI15-150-Q12 MURATA-BEI15-150-Q12 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15-150-Q12 MURATA-PS-BEI15-150-Q12 Datasheet
1Mb / 15P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
2023
More results

Similar Description - BEI15-150-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com