Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78148S Datasheet(PDF) 3 Page - EPCOS

Part # B78148S
Description  Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78148S Datasheet(HTML) 3 Page - EPCOS

  B78148S Datasheet HTML 1Page - EPCOS B78148S Datasheet HTML 2Page - EPCOS B78148S Datasheet HTML 3Page - EPCOS B78148S Datasheet HTML 4Page - EPCOS B78148S Datasheet HTML 5Page - EPCOS B78148S Datasheet HTML 6Page - EPCOS B78148S Datasheet HTML 7Page - EPCOS B78148S Datasheet HTML 8Page - EPCOS B78148S Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings
B78108S (axial leads, taped)
Dimensions in mm
B78148S (central radial leads, taped)
Packing
9.2 max.
11.5 max.
IND0429-B-E
6±0.5
65±1
lacquered
(IEC 60294)
3.5 min.
53±2
Minimum lead spacing 12.5 mm
IND0629-B
IND0633-N-E
2 max.
2 max.
3.8±0.7
12.7±0.3
1.3 max.
1.3 max.
ø4±0.2
0.1
5
+0.6
_
ø4 max.
0.8 max.
insulated
Thickness of tape
n
w
30
30
Label
IND0452-V-E
IND0631-B-E
H
W
L
n (mm): Axial 72 +1, radial 42 +1
w (mm): Axial 84 max., radial 54 max.
L
× W × H (max. mm):
Axial: 265
× 75 × 125, radial: 340 × 50 × 210
B78108S, B78148S
RF chokes
BC series, 4
s 9.2 (mm)


Similar Part No. - B78148S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78148S EPCOS-B78148S Datasheet
223Kb / 10P
   Chokes and inductors
B78148S1102K000 EPCOS-B78148S1102K000 Datasheet
223Kb / 10P
   Chokes and inductors
logo
TDK Electronics
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
logo
EPCOS
B78148S1102K009 EPCOS-B78148S1102K009 Datasheet
223Kb / 10P
   Chokes and inductors
More results

Similar Description - B78148S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com