Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78477P1005A314 Datasheet(PDF) 2 Page - EPCOS

Part # B78477P1005A314
Description  RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78477P1005A314 Datasheet(HTML) 2 Page - EPCOS

  B78477P1005A314 Datasheet HTML 1Page - EPCOS B78477P1005A314 Datasheet HTML 2Page - EPCOS B78477P1005A314 Datasheet HTML 3Page - EPCOS B78477P1005A314 Datasheet HTML 4Page - EPCOS B78477P1005A314 Datasheet HTML 5Page - EPCOS B78477P1005A314 Datasheet HTML 6Page - EPCOS B78477P1005A314 Datasheet HTML 7Page - EPCOS B78477P1005A314 Datasheet HTML 8Page - EPCOS B78477P1005A314 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Applications
Local Area Networks using Ethernet protocol
Hubs, switches, routers
ADSL modems
Industrial automation equipment using
Ethernet protocol for communication
Features
Fully compliant with IEEE 802.3,
IEEE 802.3af (B78477P1001A314)
With EMI fingers for shielding
High electrical performance and EMI suppression
Optimized for all major transceiver ICs
Industry standard footprint
RoHS-compatible
Construction
Housing: Thermoplastic, UL 94 V-0
Shield: Ni plated on copper alloy
Contact: Phosphor bronze,
1.27 µm (50
µ") Ni underplating,
0.4
µm (15 µ") selective gold plating
Connector dimensions comply with
TIA-968 (FCC 68.5) dimension requirements
Marking
EPCOS, middle block of ordering code, date code
Delivery mode and packing unit
Blister trays in carton box
Packing unit: 512 pcs. per carton box (8 trays),
B78477P1001A314: 640 pcs.
RJ45 Jacks with integrated magnetics
B78477P1***A*14
10/100 Base-T, single port, tab down
Page 2 of 12
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B78477P1005A314

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78477P1008A024 EPCOS-B78477P1008A024 Datasheet
288Kb / 7P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, dual port, tab down
B78477P1009A124 EPCOS-B78477P1009A124 Datasheet
288Kb / 7P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, dual port, tab down
More results

Similar Description - B78477P1005A314

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78477P1XXXAX24 EPCOS-B78477P1XXXAX24 Datasheet
288Kb / 7P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, dual port, tab down
B78477P1XXXAX44 EPCOS-B78477P1XXXAX44 Datasheet
311Kb / 7P
   RJ45 Jacks with integrated magnetics 10/100 Base-T, quad port, tab down
logo
Allied Components Inter...
AR1015-1221 ALLIED-AR1015-1221 Datasheet
466Kb / 2P
   Single Port RJ45 CONNECTOR WITH INTEGRATED MAGNETICS,TAB DOWN
logo
Bothhand USA, LP.
LT1S021 BOTHHAND-LT1S021 Datasheet
78Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023B BOTHHAND-LT1S023B Datasheet
75Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1S022 BOTHHAND-LT1S022 Datasheet
77Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S103 BOTHHAND-LT1S103 Datasheet
125Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S001 BOTHHAND-LT1S001 Datasheet
63Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S104A BOTHHAND-LT1S104A Datasheet
111Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1T104A BOTHHAND-LT1T104A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com