Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66305G0000X130 Datasheet(PDF) 4 Page - EPCOS

Part # B66305G0000X130
Description  EF coil formers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66305G0000X130 Datasheet(HTML) 4 Page - EPCOS

  B66305G0000X130 Datasheet HTML 1Page - EPCOS B66305G0000X130 Datasheet HTML 2Page - EPCOS B66305G0000X130 Datasheet HTML 3Page - EPCOS B66305G0000X130 Datasheet HTML 4Page - EPCOS B66305G0000X130 Datasheet HTML 5Page - EPCOS B66305G0000X130 Datasheet HTML 6Page - EPCOS B66305G0000X130 Datasheet HTML 7Page - EPCOS B66305G0000X130 Datasheet HTML 8Page - EPCOS B66305G0000X130 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
0
1/10
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former (magnetic axis horizontal or vertical)
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Valox 420-SE0®
>E45329 (M)@, GE PLASTICS B V
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Squared pins.
Yoke
Material:
Stainless spring steel (0.2 mm)
Horizontal version
Coil former
Ordering code
Version
Sections
AN
mm2
lN
mm
AR value
P:
Pins
Horizontal
1
11.6
27.2
80.6
8
B66202B1108T001
Vertical
1
11.6
27.2
80.6
6
B66202B1106T001
Yoke (ordering code per piece, 2 are required)
B66202A2010X000
FEK0449-5-E
0.2
_
5.1
85
14
1+0.1
10.16
3.9+0.1
8.7 0.2
_
0.2
14.2 _
0.45
0.2
8.7 _
0.6±0.1
0.6±0.1
View in mounting direction
Hole arrangement
B66202
Accessories
E 13/7/4 (EF 12.6)


Similar Part No. - B66305G0000X130

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66305G0000X130 EPCOS-B66305G0000X130 Datasheet
214Kb / 9P
   Ferrites and accessories
B66305G0000X130 EPCOS-B66305G0000X130 Datasheet
239Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B66305G0000X130 TDK-B66305G0000X130 Datasheet
264Kb / 11P
   Ferrites and accessories
logo
EPCOS
B66305G0000X130 EPCOS-B66305G0000X130_13 Datasheet
239Kb / 11P
   Ferrites and accessories
More results

Similar Description - B66305G0000X130

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66307G0000X130 EPCOS-B66307G0000X130_10 Datasheet
75Kb / 7P
   EF coil formers
B66319G0000X130 EPCOS-B66319G0000X130_10 Datasheet
444Kb / 6P
   EF coil formers
B66311G0000X130 EPCOS-B66311G0000X130_10 Datasheet
518Kb / 9P
   EF coil formers
logo
Ferroxcube Internationa...
CPVS-ER14.5-1S-10P-Z FERROXCUBE-CPVS-ER14.5-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
CPVS-ER11-1S-10P-Z FERROXCUBE-CPVS-ER11-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
logo
List of Unclassifed Man...
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
EF-M2000C ETC1-EF-M2000C Datasheet
88Kb / 1P
   EF-M2000C
logo
PHOENIX CONTACT
104915 PHOENIX-104915 Datasheet
359Kb / 18P
   FL MC EF WDM
1409404 PHOENIX-1409404 Datasheet
34Kb / 1P
   HC-KIT-EF-B06-SM0001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com