Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82793C0206N265 Datasheet(PDF) 2 Page - EPCOS

Part # B82793C0206N265
Description  Data and signal line chokes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82793C0206N265 Datasheet(HTML) 2 Page - EPCOS

  B82793C0206N265 Datasheet HTML 1Page - EPCOS B82793C0206N265 Datasheet HTML 2Page - EPCOS B82793C0206N265 Datasheet HTML 3Page - EPCOS B82793C0206N265 Datasheet HTML 4Page - EPCOS B82793C0206N265 Datasheet HTML 5Page - EPCOS B82793C0206N265 Datasheet HTML 6Page - EPCOS B82793C0206N265 Datasheet HTML 7Page - EPCOS B82793C0206N265 Datasheet HTML 8Page - EPCOS B82793C0206N265 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
07/10
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 42 V AC/80 V DC
Rated inductance 0.005 mH to 47 mH
Rated current 100 mA to 1200 mA
Construction
Current-compensated double choke
Ferrite core
LCP case (UL 94 V-0), silicone potting
Bifilar winding (B82793C0)
Sector winding (B82793S0)
Features
High rated currents, reduced components height
Qualified to AEC-Q200 (L
d 4.7 mH)
Suitable for reflow soldering
RoHS-compatible
Function
B82793C0:
Suppression of asymmetrical interference coupled in on lines,
whereas data signals up to some MHz can pass unaffectedly.
B82793S0:
Suppression of asymmetrical and symmetrical interference (by Lstray)
coupled in on lines. The high-frequency portions of the symmetrical
data signal are decreased so far that EMC problems can be
significantly reduced.
Applications
Automotive applications, e.g. CAN bus
Industrial applications
Types with LR ! 4.7 mH only for telecom applications
Terminals
Base material CuSn6
Layer composition Ni, Sn
Hot-dipped
Marking
Marking on component: Manufacturer, process location (coded),
winding method (coded), ordering code (short form), date of manufacture (YWWD)
Minimum data on reel: Manufacturer, ordering code,
L value and tolerance, quantity, date of packing
Delivery mode and packing unit
16-mm blister tape, wound on 330-mm
‡ reel
Packing unit: 1500 pcs./reel
B82793C0/S0
Data and signal line chokes
Common-mode chokes, ring core


Similar Part No. - B82793C0206N265

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0206N265 EPCOS-B82793C0206N265 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C0206N265 EPCOS-B82793C0206N265 Datasheet
525Kb / 12P
   Data and signal line chokes
More results

Similar Description - B82793C0206N265

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
   Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com