Electronic Components Datasheet Search |
|
B82477G2684M000 Datasheet(PDF) 2 Page - EPCOS |
|
B82477G2684M000 Datasheet(HTML) 2 Page - EPCOS |
2 / 7 page 2 03/08 Please read Cautions and warnings and Important notes at the end of this document. Rated inductance 1 µH to 1000 µH Rated current 0.4 A to 9 A Construction ■ Ferrite core ■ Magnetically shielded ■ Winding: enamel copper wire ■ Winding soldered to terminals Features ■ Temperature range up to 125 °C ■ High rated current ■ Low DC resistance ■ Suitable for lead-free reflow soldering ■ Qualification based on AEC-Q200 ■ RoHS-compatible Applications ■ Filtering of supply voltages ■ Coupling, decoupling ■ DC/DC converters ■ Industrial electronics ■ EDP (Electronic Data Processing) ■ Consumer electronics Terminals ■ Base material Cu (L ≤ 10 µH), CuSn6P (L ≥ 15 µH) ■ Layer composition Ni, Sn (lead-free) ■ Electro-plated Marking ■ Marking on component: Manufacturer, L value ( µH, coded), manufacturing date (YWWD) ■ Minimum data on reel: Manufacturer, ordering code, L value, quantity, date of packing Delivery mode and packing unit ■ 24-mm blister tape, wound on 330-mm ∅ reel. ■ Packing unit: 600 pcs./reel B82477G2 SMT power inductors Size 12.3 × 12.3 × 6.0 (mm) |
Similar Part No. - B82477G2684M000 |
|
Similar Description - B82477G2684M000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |