Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACZ16NBR4E-20FD1-12C Datasheet(PDF) 2 Page - CUI INC

Part # ACZ16NBR4E-20FD1-12C
Description  mechanical incremental encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ16NBR4E-20FD1-12C Datasheet(HTML) 2 Page - CUI INC

  ACZ16NBR4E-20FD1-12C Datasheet HTML 1Page - CUI INC ACZ16NBR4E-20FD1-12C Datasheet HTML 2Page - CUI INC ACZ16NBR4E-20FD1-12C Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date
page
04/2010
2 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: mechanical incremental encoder
ACZ16
SHAFT OPTIONS
F type
F type
KQ type
KQ type
15KQ 20KQ 25KQ
L
15
20
25
I
712
12
712
12
H=5
H=7
15KQ 20KQ 25KQ
L
15
20
25
I
15F 20F 25F
L
15
20
25
F
810
12
810
12
H=5
H=7
15F 20F 25F
L
15
20
25
F
Condition
H
1 M9-P0.75
5
2 M9-P0.75
7
BUSHING
OUTPUT WAVEFORM
DETENT POSITIONS
SLIDING NOISE
SUGGESTED FILTER
Encoder
Scope
t = Masking time to avoid chatter (5mS) V1 = V2 = 1V max.
Tested at 60 rpm
V1
V2
ON
OFF
ON
tt
Sliding Direction
CH A
CW direction (@ 60 rpm)
CH B
OFF
OFF
ON
ON
OFF
T4
T3
T2
T1
OFF
(Pins A & C)
(Pins B & C)
CH A
CH B
OFF
OFF
ON
ON
OFF
OFF
(Pins A & C)
(Pins B & C)
Model 12C & 24C


Similar Part No. - ACZ16NBR4E-20FD1-12C

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ16NBR4E-20FD1-12C CUI-ACZ16NBR4E-20FD1-12C Datasheet
106Kb / 3P
   mec hanic al incr emen tal encoder
More results

Similar Description - ACZ16NBR4E-20FD1-12C

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
   MECHANICAL INCREMENTAL ENCODER
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
   mechanical incremental encoder
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
   WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com