Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C8V2 Datasheet(PDF) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BZX84C8V2
Description  350mW Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BZX84C8V2 Datasheet(HTML) 3 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BZX84C8V2 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C8V2 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C8V2 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C8V2 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX84C8V2 Datasheet HTML 5Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
350mW Surface Mount Zener Diode
BZX84C2V4-BZX84C51
3
Zerner Voltage Range
Maximum Zener
Impedance
Maximum
Reverse
Current
Typical
Temperature
Coefficient @IZT
mV/℃
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IR
VR
Type
Number
Marking
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(Ω)
(mA)
(μA)
(V)
Min
Max
BZX84C12
Y2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13
Y3
13
12.4
14.1
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15
Y4
15
13.8
15.6
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
Y5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
Y6
18
16.8
19.1
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
Y7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22
Y8
22
20.8
23.3
5.0
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24
Y9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27
Y10
27
25.1
28.9
2.0
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30
Y11
30
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33
Y12
33
31.0
35.0
2.0
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36
Y13
36
34.0
38.0
2.0
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39
Y14
39
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
BZX84C43
Y15
43
40.0
46.0
2.0
150
375
0.5
0.1
30.1
10.0
12.0
BZX84C47
Y16
47
44.0
50.0
2.0
170
375
0.5
0.1
32.9
10.0
12.0
BZX84C51
Y17
51
48.0
54.0
2.0
180
400
0.5
0.1
35.7
10.0
12.0
Website: www.ps-pfs.com


Similar Part No. - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
BZX84C8V2 GSME-BZX84C8V2 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C8V2 VISHAY-BZX84C8V2 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C8V2 BWTECH-BZX84C8V2 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Central Semiconductor C...
BZX84C8V2 CENTRAL-BZX84C8V2 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
Dongguan City Niuhang E...
BZX84C8V2 NIUHANG-BZX84C8V2 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results

Similar Description - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com