Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACZ16NBR2E-20KQA1-24 Datasheet(PDF) 1 Page - CUI INC

Part # ACZ16NBR2E-20KQA1-24
Description  mechanical incremental encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ16NBR2E-20KQA1-24 Datasheet(HTML) 1 Page - CUI INC

  ACZ16NBR2E-20KQA1-24 Datasheet HTML 1Page - CUI INC ACZ16NBR2E-20KQA1-24 Datasheet HTML 2Page - CUI INC ACZ16NBR2E-20KQA1-24 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
page
04/2010
1 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: mechanical incremental encoder
ACZ16
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
output waveform
square wave
output signals
A, B phase
current consumption
0.5 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform)
supply voltage
5 V dc max.
output resolution
12, 24 ppr
insulation resistance
50 V dc, 100 MΩ
withstand voltage
50 V ac
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
shaft load
axial
7
kgf
rotational torque
with detent click
without detent click
50
90
130
210
gf•cm
gf•cm
rotational life
100,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-10
65
°C
storage temperature
-40
75
°C
humidity
85
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
PART NUMBER KEY
ACZ16 X BR X E- XX XX X1- XXX
Version:
“blank” = switch
N = no switch
Resolution (ppr):
12 = 12 ppr, no detent
12C = 12 ppr, 12 detent
24 = 24 ppr, no detent
24C = 24 ppr, 24 detent
Bushing:
1 = M9 x 0.75 (H = 5)
2 = M9 x 0.75 (H = 7)
4 = smooth (H = 5)
5 = smooth (H = 7)
Shaft length:
15, 20, 25
Shaft type:
KQ, F
Mounting orientation:
A = Horizontal
D = Vertical


Similar Part No. - ACZ16NBR2E-20KQA1-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ16NBR2E-20KQA1-24 CUI-ACZ16NBR2E-20KQA1-24 Datasheet
106Kb / 3P
   mec hanic al incr emen tal encoder
ACZ16NBR2E-20KQA1-24C CUI-ACZ16NBR2E-20KQA1-24C Datasheet
106Kb / 3P
   mec hanic al incr emen tal encoder
More results

Similar Description - ACZ16NBR2E-20KQA1-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
   MECHANICAL INCREMENTAL ENCODER
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
   mechanical incremental encoder
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
   WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com