Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B88069X6821B101 Datasheet(PDF) 2 Page - EPCOS

Part # B88069X6821B101
Description  Surge arrester 2-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B88069X6821B101 Datasheet(HTML) 2 Page - EPCOS

  B88069X6821B101 Datasheet HTML 1Page - EPCOS B88069X6821B101 Datasheet HTML 2Page - EPCOS B88069X6821B101 Datasheet HTML 3Page - EPCOS B88069X6821B101 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X6821B101
2-electrode arrester
H38-E800XP
KB AB E / KB AB PM
Issue 02 / 2008-10-29
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Suitable for direct strikes
Very fast response time
Stable performance over life
High insulation resistance
RoHS-compatible
AC power lines
Class I (class B) - requirements
Electrical specifications
DC spark-over voltage
1) 2)
> 600
V
Impulse spark-over voltage
3)
- at 1.2/50 µs, 6kV, for 99 % of measured values
< 1500
V
Response time
-
typical values
< 100
< 20
ns
ns
Insulation resistance at 100 Vdc
> 1
G
Ω
Class I according to EN 61643-11
Max. continuous operating voltage at 50/60 Hz
Uc
Nominal discharge current 8/20 µs
In
Impulse current 10/350 µs
Iimp
Follow current at 50/60 Hz
If
255
100
100
100
Vrms
kA
kA
Arms
AC discharge current (TOV
4))
1 operation
50 Hz, 0.2 s
300
A
DC discharge current
1 operation
0.5 s
400
A
Weight
~ 100
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue positive
800 YY O
800
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In darkness w/o storage
3)
Combination wave generator (2
Ω)
4)
TOV – Temporary Over Voltage


Similar Part No. - B88069X6821B101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X6871T902 EPCOS-B88069X6871T902 Datasheet
70Kb / 4P
   Surge arrester 3-electrode arrester
B88069X6881T902 EPCOS-B88069X6881T902 Datasheet
70Kb / 4P
   Surge arrester 3-electrode arrester
More results

Similar Description - B88069X6821B101

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
B88069X0590S102 EPCOS-B88069X0590S102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4241S102 EPCOS-B88069X4241S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4190T103 EPCOS-B88069X4190T103 Datasheet
132Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4261B502 EPCOS-B88069X4261B502 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X5591T902 EPCOS-B88069X5591T902 Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X2670T902 EPCOS-B88069X2670T902 Datasheet
101Kb / 2P
   SURGE ARRESTER 2-electrode arrester
B88069X720S102 EPCOS-B88069X720S102 Datasheet
101Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com