Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59752B0120A070 Datasheet(PDF) 9 Page - EPCOS

Part # B59752B0120A070
Description  PTC thermistors as inrush current limiters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59752B0120A070 Datasheet(HTML) 9 Page - EPCOS

Back Button B59752B0120A070 Datasheet HTML 2Page - EPCOS B59752B0120A070 Datasheet HTML 3Page - EPCOS B59752B0120A070 Datasheet HTML 4Page - EPCOS B59752B0120A070 Datasheet HTML 5Page - EPCOS B59752B0120A070 Datasheet HTML 6Page - EPCOS B59752B0120A070 Datasheet HTML 7Page - EPCOS B59752B0120A070 Datasheet HTML 8Page - EPCOS B59752B0120A070 Datasheet HTML 9Page - EPCOS B59752B0120A070 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
tE
Settling time (for level sensors)
TR
Rated temperature
Tsense
Sensing temperature
Top
Operating temperature
TPTC
PTC temperature
tR
Response time
Tref
Reference temperature
TRmin
Temperature at minimum resistance
tS
Switching time
Tsurf
Surface temperature
UCT
Upper category temperature
V or Vel
Voltage (with subscript only for distinction from volume)
VRMS
Root-mean-square value of voltage
VBD
Breakdown voltage
Vins
Insulation test voltage
Vlink,max
Maximum link voltage
Vmax
Maximum operating voltage
Vmax,dyn
Maximum dynamic (short-time) operating voltage
Vmeas
Measuring voltage
Vmeas,max
Maximum measuring voltage
VR
Rated voltage
VPTC
Voltage drop across a PTC thermistor
α
Temperature coefficient
Tolerance, change
δ
th
Dissipation factor
τ
th
Thermal cooling time constant
λ
Failure rate
Lead spacing (in mm)
Abbreviations / Notes
Surface-mount devices
* To be replaced by a number in ordering codes, type designations etc.
+ To be replaced by a letter
All dimensions are given in mm.
The commas used in numerical values denote decimal points.
Inrush current limiters
Leaded disks
Page 9 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59752B0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59752B0120A070 EPCOS-B59752B0120A070 Datasheet
106Kb / 6P
   Leaded Disks, Uncoated, 380 V to 1000 V
B59752B0120A070 EPCOS-B59752B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59752B0120A070 EPCOS-B59752B0120A070 Datasheet
408Kb / 13P
   PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
More results

Similar Description - B59752B0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
   NTC Power Thermistors Inrush Current Limiters
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
logo
AMETHERM Circuit Protec...
995-MS12-15102 AMETHERM-995-MS12-15102 Datasheet
385Kb / 1P
   MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
logo
Vishay Siliconix
PTCEL VISHAY-PTCEL Datasheet
93Kb / 5P
   PTC Thermistors, Inrush current limiter and Energy Load-Dump
Revision: 31-May-16
PTCEL VISHAY-PTCEL_V01 Datasheet
112Kb / 4P
   PTC Thermistors, Inrush Current Limiter and Energy Load-Dump
Revision: 17-Oct-2019
logo
EPCOS
B59041R0080A010 EPCOS-B59041R0080A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010 Datasheet
215Kb / 8P
   PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010 Datasheet
235Kb / 9P
   PTC thermistors as heating elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com