Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9G45-CU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91SAM9G45-CU
Description  AT91 ARM Thumb-based Microcontrollers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45-CU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91SAM9G45-CU Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 9Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 10Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 11Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 12Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 13Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
6438ES–ATARM–21-Jun-10
AT91SAM9G45
Notes:
1. Refer to peripheral multiplexing tables in Section 9.4 “Peripheral Signals Multiplexing on I/O Lines” for these signals.
2. When configured as an input, the NRST pin enables asynchronous reset of the device when asserted low. This allows con-
nection of a simple push button on the NRST pin as a system-user reset.
3. Programming of this pull-up resistor is performed independently for each I/O line through the PIO Controllers. After reset, all
the I/O lines default as inputs with pull-up resistors enabled, except those which are multiplexed with the External Bus Inter-
face signals that require to be enabled as Peripheral at reset. This is explicitly indicated in the column “Reset State” of the
peripheral multiplexing tables.
AD3Y
M
Analog input channel 3 or
Touch Screen Left channel
Analog
VDDANA
Multiplexed with AD3
GPAD4-GPAD7
Analog Inputs
Analog
VDDANA
TSADTRG
ADC Trigger
Input
VDDANA
TSADVREF
ADC Reference
Analog
VDDANA
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Reference
Voltage
Comments


Similar Part No. - AT91SAM9G45-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9G45-CU ATMEL-AT91SAM9G45-CU Datasheet
1Mb / 54P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G45-CU ATMEL-AT91SAM9G45-CU Datasheet
18Mb / 1159P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G45-CU ATMEL-AT91SAM9G45-CU Datasheet
1Mb / 55P
   ARM-based Embedded MPU
More results

Similar Description - AT91SAM9G45-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com