Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA64M1-MU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA64M1-MU
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64M1-MU Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA64M1-MU Datasheet HTML 1Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 2Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 3Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 4Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 5Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 6Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA64M1-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
8209C–AVR–05/10
ATmega16M1/32M1/64M1
1.1
Pin Descriptions
Table 1-1.
Pin out description
QFN32 Pin
Number
Mnemonic
Type
Name, Function & Alternate Function
5GND
Power
Ground: 0V reference
20
AGND
Power
Analog Ground: 0V reference for analog part
4VCC
Power
Power Supply
19
AVCC
Power
Analog Power Supply: This is the power supply voltage for analog
part
For a normal use this pin must be connected.
21
AREF
Power
Analog Reference : reference for analog converter . This is the
reference voltage of the A/D converter. As output, can be used by
external analog
ISRC (Current Source Output)
8
PB0
I/O
MISO (SPI Master In Slave Out)
PSCOUT2A
(1) (PSC Module 2 Output A)
PCINT0 (Pin Change Interrupt 0)
9
PB1
I/O
MOSI (SPI Master Out Slave In)
PSCOUT2B(1) (PSC Module 2 Output B)
PCINT1 (Pin Change Interrupt 1)
16
PB2
I/O
ADC5 (Analog Input Channel 5 )
INT1 (External Interrupt 1 Input)
ACMPN0 (Analog Comparator 0 Negative Input)
PCINT2 (Pin Change Interrupt 2)
23
PB3
I/O
AMP0- (Analog Differential Amplifier 0 Negative Input)
PCINT3 (Pin Change Interrupt 3)
24
PB4
I/O
AMP0+ (Analog Differential Amplifier 0 Positive Input)
PCINT4 (Pin Change Interrupt 4)
26
PB5
I/O
ADC6 (Analog Input Channel 6)
INT2 (External Interrupt 2 Input)
ACMPN1 (Analog Comparator 1 Negative Input)
AMP2- (Analog Differential Amplifier 2 Negative Input)
PCINT5 (Pin Change Interrupt 5)
27
PB6
I/O
ADC7 (Analog Input Channel 7)
PSCOUT1B(1) (PSC Module 1 Output A)
PCINT6 (Pin Change Interrupt 6)
28
PB7
I/O
ADC4 (Analog Input Channel 4)
PSCOUT0B(1) (PSC Module 0 Output B)
SCK (SPI Clock)
PCINT7 (Pin Change Interrupt 7)
30
PC0
I/O
PSCOUT1A(1) (PSC Module 1 Output A)
INT3 (External Interrupt 3 Input)
PCINT8 (Pin Change Interrupt 8)


Similar Part No. - ATMEGA64M1-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64M1 ATMEL-ATMEGA64M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA64M1 ATMEL-ATMEGA64M1 Datasheet
413Kb / 12P
   Automotive Specification at 150째C
ATmega64M1 ATMEL-ATmega64M1 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - ATMEGA64M1-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164P ATMEL-ATMEGA164P_08 Datasheet
515Kb / 26P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_07 Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164 ATMEL-ATMEGA164 Datasheet
296Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_09 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA165A ATMEL-ATMEGA165A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com