Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY20-MMHR Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY20-MMHR
Description  8-bit Microcontroller with 2K Bytes In-System Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY20-MMHR Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY20-MMHR Datasheet HTML 3Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 4Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 5Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 6Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 7Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 8Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 9Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 10Page - ATMEL Corporation ATTINY20-MMHR Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
8235AS–AVR–03/10
ATtiny20
4. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F
SREG
I
T
H
S
V
N
Z
C
Page 14
0x3E
SPH
Stack Pointer High Byte
Page 13
0x3D
SPL
Stack Pointer Low Byte
Page 13
0x3C
CCP
CPU Change Protection Byte
Page 13
0x3B
RSTFLR
WDRF
BORF
EXTRF
PORF
Page 37
0x3A
MCUCR
ICSC01
ICSC00
BODS
SM2
SM1
SM0
SE
Pages 28, 41
0x39
OSCCAL
Oscillator Calibration Byte
Page 23
0x38
Reserved
0x37
CLKMSR
CLKMS1
CLKMS0
Page 22
0x36
CLKPSR
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Page 22
0x35
PRR
PRTWI
PRSPI
PRTIM1
PRTIM0
PRADC
Page 29
0x34
QTCSR
QTouch Control and Status Register
Page 152
0x33
NVMCMD
NVM Command
Page 171
0x32
NVMCSR
NVMBSY
Page 172
0x31
WDTCSR
WDIF
WDIE
WDP3
WDE
WDP2
WDP1
WDP0
Page 35
0x30
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
Page 136
0x2F
SPSR
SPIF
WCOL
SSPS
SPI2X
Page 138
0x2E
SPDR
SPI Data Register
Page 138
0x2D
TWSCRA
TWSHE
TWDIE
TWASIE
TWEN
TWSIE
TWPME
TWSME
Page 147
0x2C
TWSCRB
TWAA
TWCMD[1.0]
Page 148
0x2B
TWSSRA
TWDIF
TWASIF
TWCH
TWRA
TWC
TWBE
TWDIR
TWAS
Page 149
0x2A
TWSA
TWI Slave Address Register
Page 150
0x29
TWSAM
TWI Slave Address Mask Register
Page 151
0x28
TWSD
TWI Slave Data Register
Page 151
0x27
GTCCR
TSM
–PSR
Page 108
0x26
TIMSK
ICE1
OCIE1B
OCIE1A
TOIE1
OCIE0B
OCIE0A
TOIE0
Pages 76, 104
0x25
TIFR
ICF1
OCF1B
OCF1A
TOV1
OCF0B
OCF0A
TOV0
Pages 76, 105
0x24
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
WGM11
WGM10
Page 99
0x23
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
Page 101
0x22
TCCR1C
FOC1A
FOC1B
Page 102
0x21
TCNT1H
Timer/Counter1 – Counter Register High Byte
Page 103
0x20
TCNT1L
Timer/Counter1 – Counter Register Low Byte
Page 103
0x1F
OCR1AH
Timer/Counter1 – Compare Register A High Byte
Page 103
0x1E
OCR1AL
Timer/Counter1 – Compare Register A Low Byte
Page 103
0x1D
OCR1BH
Timer/Counter1 – Compare Register B High Byte
Page 103
0x1C
OCR1BL
Timer/Counter1 – Compare Register B Low Byte
Page 103
0x1B
ICR1H
Timer/Counter1 - Input Capture Register High Byte
Page 104
0x1A
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
Page 104
0x19
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
WGM01
WGM00
Page 71
0x18
TCCR0B
FOC0A
FOC0B
WGM02
CS02
CS01
CS00
Page 74
0x17
TCNT0
Timer/Counter0 – Counter Register
Page 75
0x16
OCR0A
Timer/Counter0 – Compare Register A
Page 75
0x15
OCR0B
Timer/Counter0 – Compare Register B
Page 76
0x14
ACSRA
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
Page 110
0x13
ACSRB
HSEL
HLEV
ACLP
ACCE
ACME
ACIRS1
ACIRS0
Page 111
0x12
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
Page 127
0x11
ADCSRB
VDEN
VDPD
ADLAR
ADTS2
ADTS1
ADTS0
Page 128
0x10
ADMUX
REFS
REFEN
ADC0EN
MUX3
MUX2
MUX1
MUX0
Page 125
0x0F
ADCH
ADC Conversion Result – High Byte
Page 126
0x0E
ADCL
ADC Conversion Result – Low Byte
Page 126
0x0D
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
Page 129
0x0C
GIMSK
PCIE1
PCIE0
INT0
Page 41
0x0B
GIFR
PCIF1
PCIF0
INTF0
Page 42
0x0A
PCMSK1
PCINT11
PCINT10
PCINT9
PCINT8
Page 43
0x09
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
Page 43
0x08
PORTCR
BBMB
BBMA
Page 58
0x07
PUEB
PUEB3
PUEB2
PUEB1
PUEB0
Page 58
0x06
PORTB
PORTB3
PORTB2
PORTB1
PORTB0
Page 59
0x05
DDRB
DDRB3
DDRB2
DDRB1
DDRB0
Page 59
0x04
PINB
PINB3
PINB2
PINB1
PINB0
Page 59
0x03
PUEA
PUEA7
PUEA6
PUEA5
PUEA4
PUEA3
PUEA2
PUEA1
PUEA0
Page 58
0x02
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
Page 58
0x01
DDRA
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
Page 58
0x00
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
Page 58


Similar Part No. - ATTINY20-MMHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY20-EK1 ATMEL-ATTINY20-EK1 Datasheet
4Mb / 220P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY20-MMHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com