Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY44A-SSU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY44A-SSU
Description  8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY44A-SSU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY44A-SSU Datasheet HTML 7Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 8Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 9Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 10Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 11Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 12Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 13Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 14Page - ATMEL Corporation ATTINY44A-SSU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
8183BS–AVR–03/10
ATtiny24A/44A
6. Ordering Information
Notes: 1. Code indicators:
– H: NiPdAu lead finish
– U: matte tin
– R: tape & reel
2. All packages are Pb-free, halide-free and fully green and they comply with the European directive for Restriction of Hazard-
ous Substances (RoHS).
3. Topside marking for ATtiny24A:
– 1st Line: T24
– 2nd Line: Axx
– 3rd Line: xxx
4. These devices can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering informa-
tion and minimum quantities.
6.1
ATtiny24A
Speed (MHz)
Power Supply
Ordering Code(1)
Package(2)
Operational Range
20
1.8 - 5.5V
ATtiny24A-SSU
ATtiny24A-SSUR
ATtiny24A-PU
ATtiny24A-CCU
ATtiny24A-CCUR
ATtiny24A-MU
ATtiny24A-MUR
ATtiny24A-MMH(3)
ATtiny24A-MMHR(3)
14S1
14S1
14P3
15CC1
15CC1
20M1
20M1
20M2
20M2
Industrial
(-40
°C to 85°C)(4)
Package Type
14S1
14-lead, 0.150" Wide Body, Plastic Gull Wing Small Outline Package (SOIC)
14P3
14-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
15CC1
15-ball (4 x 4 Array), 0.65 mm Pitch, 3.0 x 3.0 x 0.6 mm, Ultra Thin, Fine-Pitch Ball Grid Array Package (UFBGA)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Quad Flat No Lead / Micro Lead Frame Package (QFN/MLF)
20M2
20-pad, 3 x 3 x 0.85 mm Body, Very Thin Quad Flat No Lead Package (VQFN)


Similar Part No. - ATTINY44A-SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY44A-SSU ATMEL-ATTINY44A-SSU Datasheet
721Kb / 22P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY44A-SSUR ATMEL-ATTINY44A-SSUR Datasheet
721Kb / 22P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY44A-SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com