Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10C-7PX Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF22V10C-7PX
Description  High-performance Electrically Erasable Programmable Logic Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-7PX Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF22V10C-7PX Datasheet HTML 2Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 3Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 4Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 8Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 9Page - ATMEL Corporation ATF22V10C-7PX Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
0735U–PLD–7/10
Atmel ATF22V10C(Q)
4.4
Power-down AC Characteristics(1)(2)(3)
Notes:
1. Output data is latched and held
2. High-Z outputs remain high-Z
3. Clock and input transitions are ignored
4.5
Input Test Waveforms
4.5.1
Input Test Waveforms and Measurement Levels
4.5.2
Commercial Output Test Loads
4.6
Pin Capacitance
Table 4-1.
Pin Capacitance (f = 1MHz,T=25C(1))
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested
Symbol
Parameter
-5
-7
-10
-15
Units
Min
Max
Min
Max
Min
Max
Min
Max
t
IVDH
Valid Input before PD High
5.0
7.5
10.0
15.0
ns
t
GVDH
Valid OE before PD High
0
0
0
0
ns
t
CVDH
Valid Clock before PD High
0
0
0
ns
t
DHIX
Input Don’t Care after PD High
5.0
7.0
10.0
15.0
ns
t
DHGX
OE Don’t Care after PD High
5.0
7.0
10.0
15.0
ns
t
DHCX
Clock Don’t Care after PD High
5.0
7.0
10.0
15.0
ns
t
DLIV
PD Low to Valid Input
5.0
7.5
10.0
15.0
ns
t
DLGV
PD Low to Valid OE
15.0
20.0
25.0
30.0
ns
t
DLCV
PD Low to Valid Clock
15.0
20.0
25.0
30.0
ns
t
DLOV
PD Low to Valid Output
20.0
25.0
30.0
35.0
ns
Typ
Max
Units
Conditions
C
IN
5
8
pF
V
IN =0V
C
OUT
6
8
pF
V
OUT =0V


Similar Part No. - ATF22V10C-7PX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-7PX ATMEL-ATF22V10C-7PX Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF22V10C-7PX ATMEL-ATF22V10C-7PX Datasheet
457Kb / 23P
   High performance EE PLD
More results

Similar Description - ATF22V10C-7PX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CZ ATMEL-ATF22V10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com