Electronic Components Datasheet Search |
|
ACZ16BR4E-25KQD1-24 Datasheet(PDF) 1 Page - CUI INC |
|
ACZ16BR4E-25KQD1-24 Datasheet(HTML) 1 Page - CUI INC |
1 / 3 page date page 04/2010 1 of 3 20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382 www.cui.com SERIES: DESCRIPTION: mechanical incremental encoder ACZ16 ELECTRICAL SPECIFICATIONS parameter conditions/description output waveform square wave output signals A, B phase current consumption 0.5 mA output phase difference T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform) supply voltage 5 V dc max. output resolution 12, 24 ppr insulation resistance 50 V dc, 100 MΩ withstand voltage 50 V ac MECHANICAL SPECIFICATIONS parameter conditions/description min nom max units shaft load axial 7 kgf rotational torque with detent click without detent click 50 90 130 210 gf•cm gf•cm rotational life 100,000 cycles ENVIRONMENTAL SPECIFICATIONS parameter conditions/description min nom max units operating temperature -10 65 °C storage temperature -40 75 °C humidity 85 % RH vibration 0.75 mm max. travel for 2 hours 10 55 Hz PART NUMBER KEY ACZ16 X BR X E- XX XX X1- XXX Version: “blank” = switch N = no switch Resolution (ppr): 12 = 12 ppr, no detent 12C = 12 ppr, 12 detent 24 = 24 ppr, no detent 24C = 24 ppr, 24 detent Bushing: 1 = M9 x 0.75 (H = 5) 2 = M9 x 0.75 (H = 7) 4 = smooth (H = 5) 5 = smooth (H = 7) Shaft length: 15, 20, 25 Shaft type: KQ, F Mounting orientation: A = Horizontal D = Vertical |
Similar Part No. - ACZ16BR4E-25KQD1-24 |
|
Similar Description - ACZ16BR4E-25KQD1-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |