Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10CQ-15JU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF22V10CQ-15JU
Description  High-performance Electrically Erasable Programmable Logic Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15JU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF22V10CQ-15JU Datasheet HTML 3Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 4Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 5Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 9Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQ-15JU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
0735U–PLD–7/10
Atmel ATF22V10C(Q)
4.7
Power-up Reset
The registers in the Atmel® ATF22V10Cs are designed to reset during power-up. At a point delayed slightly from
V
CC crossing VRST, all registers will be reset to the low state. The output state will depend on the polarity of the
output buffer.
This feature is critical for state machine initialization. However, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the following conditions are required:
1.
The V
CC rise must be monotonic, and starts below 0.7V
2.
After reset occurs, all input and feedback setup times must be met before driving the clock pin high
3.
The clock must remain stable during t
PR
Figure 4-1.
Power-up Reset Timing
4.8
Preload of Registered Outputs
The ATF22V10C registers are provided with circuitry to allow loading of each register with either a high or a low.
This feature will simplify testing since any state can be forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file with vectors is compiled. Once downloaded, the JEDEC
file preload sequence will be done automatically by most of the approved programmers after the programming.
5.
Electronic Signature Word
There are 64-bits of programmable memory that are always available to the user, even if the device is secured.
These bits can be used for user-specific data.
6.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF22V10C fuse patterns. Once programmed,
fuse verify and preload are inhibited. However, the 64-bit User Signature remains accessible.
The security fuse should be programmed last, as its effect is immediate.
7.
Programming/Erasing
Programming/erasing is performed using standard PLD programmers. See “CMOS PLD Programming Hardware
and Software Support” for information on software/programming.
Table 7-1.
Programming/Erasing
C
LOCK
VRST
POWER
REGISTERED
OUTPUTS
tS
t PR
t W
Parameter
Description
Typ
Max
Units
t
PR
Power-up Reset Time
600
1,000
ns
V
RST
Power-up Reset Voltage
3.8
4.5
V


Similar Part No. - ATF22V10CQ-15JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15JU ATMEL-ATF22V10CQ-15JU Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF22V10CQ-15JU ATMEL-ATF22V10CQ-15JU Datasheet
457Kb / 23P
   High performance EE PLD
More results

Similar Description - ATF22V10CQ-15JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CZ ATMEL-ATF22V10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com