Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA324A-PU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA324A-PU
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA324A-PU Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA324A-PU Datasheet HTML 1Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 2Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 3Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 4Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 5Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 6Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 7Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 8Page - ATMEL Corporation ATMEGA324A-PU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
8272AS–AVR–01/10
164A/164PA/324A/324PA/644A/644PA/1284/1284P
1.3
Pinout - VFBGA for ATmega164A/164PA/324A/324PA
Figure 1-3.
VFBGA - Pinout
Table 1-2.
BGA - Pinout
123
4567
A
GND
PB4
PB2
GND
VCC
PA2
GND
B
PB6
PB5
PB3
PB0
PA0
PA3
PA5
C
VCC
RESET
PB7
PB1
PA1
PA6
AREF
D
GND
XTAL2
PD0
GND
PA4
PA7
GND
E
XTAL1
PD1
PD5
PD7
PC5
PC7
AVCC
F
PD2
PD3
PD6
PC0
PC2
PC4
PC6
G
GND
PD4
VCC
GND
PC1
PC3
GND
A
B
C
D
E
F
G
1
234567
A
B
C
D
E
F
G
765432
1
Top view
Bottom view


Similar Part No. - ATMEGA324A-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA324A ATMEL-ATMEGA324A Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA324A ATMEL-ATMEGA324A_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
More results

Similar Description - ATMEGA324A-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164PA ATMEL-ATMEGA164PA_09 Datasheet
635Kb / 30P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATMEGA164A ATMEL-ATMEGA164A_11 Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA164PA ATMEL-ATMEGA164PA_1 Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com