Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22934YZVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22934YZVR
Description  ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22934YZVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22934YZVR Datasheet HTML 1Page - Texas Instruments TPS22934YZVR Datasheet HTML 2Page - Texas Instruments TPS22934YZVR Datasheet HTML 3Page - Texas Instruments TPS22934YZVR Datasheet HTML 4Page - Texas Instruments TPS22934YZVR Datasheet HTML 5Page - Texas Instruments TPS22934YZVR Datasheet HTML 6Page - Texas Instruments TPS22934YZVR Datasheet HTML 7Page - Texas Instruments TPS22934YZVR Datasheet HTML 8Page - Texas Instruments TPS22934YZVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS22934
www.ti.com
SLVSAD4 – AUGUST 2010
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
WITH HYSTERESIS CONTROL INPUT
Check for Samples: TPS22934
1
FEATURES
DESCRIPTION
Integrated Single-Channel Load Switch
Ultra Small CSP-4 package
The TPS22934 is a small, ultra low ON-resistance
(rON) load switch with controlled turn on. The devices
0.9 mm x 0.9 mm, 0.5-mm Pitch, 0.5-mm Thick
contain a P-channel MOSFETs that can operate over
Input Voltage: 1.5 V to 3.6 V
an input voltage range of 1.5 V to 3.6 V.
Ultra-Low ON Resistance
The switch is controlled by an on/off input (ON),
rDS(ON) = 63 mΩ at VIN = 3.6 V
which has built in hysteresis (VTH+(typ) = 2.35 V)
rDS(ON) = 69 mΩ at VIN = 2.5 V
allowing an easy use of TPS22934 in power-rail
sequencing applications.
rDS(ON) = 78 mΩ at VIN = 1.8 V
rDS(ON) = 87 mΩ at VIN = 1.5 V
In TPS22934 a 35-
Ω on-chip load resistor is added
for output quick discharge when switch is turned off.
1-A Maximum Continuous Switch Current
Integrated Hysteresis Enable Input (ON Pin)
In TPS22934, the rise time of the device is internally
Allows Easy Power Rail Sequencing
controlled in order to avoid inrush current. TPS22934
feature a typical rise time of 26 µs with a 3.6-V input.
Controlled Slew Rate Option: 26 µs at 3.6 V
The
TPS22934
is
available
in
an
ultra-small
Quick Output Discharge Transistor
space-saving
4-pin
CSP
package
and
is
ESD Performance Tested Per JESD 22
characterized
for
operation
over
the
free-air
3000-V Human-Body Model
temperature range of –40ºC to 85ºC.
(A114-B, Class II)
TYPICAL APPLICATION
1000-V Charged-Device Model (C101)
1.8-V Power Rail Sequencing
APPLICATIONS
Battery Powered Equipment
Portable Industrial Equipment
Portable Medical Equipment
Portable Media Players
Point Of Sales Terminal
GPS Devices
Digital Cameras
Portable Instrumentation
Smartphones
FEATURE LIST
SLEW RATE
QUICK
MAXIMUM
rON (TYP)
(TYP)
OUTPUT
OUTPUT
ENABLE
AT 3.6 V
AT 3.6 V
DISCHARGE
CURRENT
Hysteresis Input
TPS22934
63 m
Ω
26 µs
Yes
1 A
VTH+(typ) = 2.35 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22934YZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930 TI1-TPS22930 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930A TI1-TPS22930A Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930AYZVR TI1-TPS22930AYZVR Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results

Similar Description - TPS22934YZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
TPS22908 TI1-TPS22908 Datasheet
693Kb / 19P
[Old version datasheet]   Ultra Small, Low-Input Voltage, Low RON Load Switch
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com