Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250R14Z101MV4E Datasheet(PDF) 2 Page - ON Semiconductor

Part # 250R14Z101MV4E
Description  Evaluation Board Manual for High Frequency LQFP32
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

250R14Z101MV4E Datasheet(HTML) 2 Page - ON Semiconductor

  250R14Z101MV4E Datasheet HTML 1Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 2Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 3Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 4Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 5Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 6Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 7Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 8Page - ON Semiconductor 250R14Z101MV4E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ECLLQFP32EVB
http://onsemi.com
2
Figure 2. Bottom View of the 32-lead LQFP Evaluation Board
Bottom View
Enlarged Bottom View
Figure 3. Evaluation Board Lay-up
LAY-UP DETAIL
4 LAYER
LAYER 1 (TOP SIDE) 1 OZ
ROGERS 4003 0.008 in
LAYER 2 (GROUND PLANE P1) 1 OZ
FR-4 0.020 in
LAYER 3 (GROUND, VCC & VEE, PLANE P2) 1 OZ
FR-4 0.025 in
LAYER 4 (BOTTOM SIDE) 1 OZ
SILKSCREEN (TOP SIDE)
0.062
$ 0.007
Board Layout
The 32-lead LQFP evaluation board was designed to be
versatile and accommodate several different configurations.
The input, output, and power pin layout of the evaluation
board is shown in Figures 4 and 5. The evaluation board has
at least thirteen possible configurable options. Table 1, list
the devices and the relevant configuration that utilizes this
PCB board. Lists of components and simple schematics are
located in Figures 6 through 18. Place SMA connectors on
J1 through J32, 50
W chip resistors between ground pad and
Pin 1 pad through Pin 32 pad, and chip capacitors C1 through
C5 according to configuration figures. (C4 and C5 are 0.01
mF and C1, C2, and C3 are 0.1 mF); (See Figure 5).


Similar Part No. - 250R14Z101MV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
250R14Z100BV4E JOHANSON-250R14Z100BV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R14Z100BV6E JOHANSON-250R14Z100BV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R14Z100CV4E JOHANSON-250R14Z100CV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R14Z100CV6E JOHANSON-250R14Z100CV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
250R14Z100DV4E JOHANSON-250R14Z100DV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
More results

Similar Description - 250R14Z101MV4E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com