Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3L501ERUAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3L501ERUAR
Description  16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L501ERUAR Datasheet(HTML) 5 Page - Texas Instruments

  TS3L501ERUAR Datasheet HTML 1Page - Texas Instruments TS3L501ERUAR Datasheet HTML 2Page - Texas Instruments TS3L501ERUAR Datasheet HTML 3Page - Texas Instruments TS3L501ERUAR Datasheet HTML 4Page - Texas Instruments TS3L501ERUAR Datasheet HTML 5Page - Texas Instruments TS3L501ERUAR Datasheet HTML 6Page - Texas Instruments TS3L501ERUAR Datasheet HTML 7Page - Texas Instruments TS3L501ERUAR Datasheet HTML 8Page - Texas Instruments TS3L501ERUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS3L501E
www.ti.com
SCDS307A – SEPTEMBER 2010 – REVISED SEPTEMBER 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 10 pF
(unless otherwise noted) (see Figure 5 and Figure 6)
FROM
TO
PARAMETER
MIN
TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
tpd
(2)
A or B/C
B/C or A
0.3
ns
tPZH, tPZL
SEL
A or B/C
0.5
15
ns
tPHZ, tPLZ
SEL
A or B/C
0.9
9
ns
tsk(o)
(3)
A or B/C
B/C or A
50
100
ps
tsk(p)
(4)
A or B/C
B/C or A
50
100
ps
tON/tOFF
(5)
PD
A or B/C
250
ns
(1)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port (A4 to A5) to any other port
(4)
Skew between opposite transitions of the same output in a given device |tPHL – tPLH|
(5)
Device enable/disable time from PD
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
RL = 50 Ω,
f = 250 MHz,
See Figure 8
–37
dB
OIRR
RL = 50 Ω,
f = 250 MHz,
See Figure 9
–37
dB
BW
See Figure 7
600
MHz
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3L501E


Similar Part No. - TS3L501ERUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L501ERUAR TI-TS3L501ERUAR Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results

Similar Description - TS3L501ERUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L301D PERICOM-PI3L301D Datasheet
426Kb / 9P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com