Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24610DRBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24610DRBR
Description  GREEN Rectifier Controller Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC24610DRBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC24610DRBR Datasheet HTML 3Page - Texas Instruments UCC24610DRBR Datasheet HTML 4Page - Texas Instruments UCC24610DRBR Datasheet HTML 5Page - Texas Instruments UCC24610DRBR Datasheet HTML 6Page - Texas Instruments UCC24610DRBR Datasheet HTML 7Page - Texas Instruments UCC24610DRBR Datasheet HTML 8Page - Texas Instruments UCC24610DRBR Datasheet HTML 9Page - Texas Instruments UCC24610DRBR Datasheet HTML 10Page - Texas Instruments UCC24610DRBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
UCC24610
www.ti.com
SLUSA87B – AUGUST 2010 – REVISED SEPTEMBER 2010
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN/TOFF (Combined Enable Function & Programmable Off-Time Timer)
When VCC falls below the VCC(off) threshold, the UCC24610 is in UVLO Mode, the EN/TOFF
input is internally connected to GND through a 10-k
Ω resistance and the internal current
source is turned off. When VCC exceeds the VCC(on) threshold, the 10-kΩ resistance is
removed and the current source is turned on. Thereafter, when EN/TOFF exceeds VEN(on),
the UCC24610 is in Run Mode and when EN/TOFF falls below VEN(off), the UCC24610 is in
Sleep Mode. The voltage level on EN/TOFF also programs the minimum off-time (TOFF) for
the controlled MOSFET. EN/TOFF is internally driven by a two-level current source, so the
EN/TOFF
2
I
voltage level on EN/TOFF can be set by connecting a resistor from EN/TOFF to GND. The
EN/TOFF current source initially drives twice as much current (IEN-START) to achieve the
enable threshold voltage VEN(on), and then drops to the normal Run Mode level (IEN-ON) to
program the TOFF time. Alternatively, the desired EN/TOFF voltage may be forced using an
external source. The TOFF time is programmed to suppress GATE output for a desired
duration to avoid possible false retriggering from resonant ringing or noise after turn-off. The
TOFF timer is triggered when VD voltage exceeds 1.5 V after GATE transitions from high to
low.
GATE (Controlled MOSFET Gate Drive)
Connect GATE to the gate of the controlled MOSFET through a small series resistor using
short PC board tracks to achieve optimal switching performance. The GATE output can
GATE
5
O
achieve >1-A peak source current when High and >2-A peak sink current when Low into a
large N-channel power MOSFET.
In Sleep Mode and UVLO, GATE impedance to GND is about 1.6
Ω.
GATE impedance to GND crests about 80
Ω, when VCC ≈ 1.1 V.
GND (Combined Analog and Power Ground)
This ground input is the reference potential for the GATE driver, the UVLO comparator, the
GND
6
EN/TOFF comparator, the EN/TOFF timer, and the TON timer. Connect a 0.1-µF or larger
ceramic bypass capacitor from the VCC pin to the GND pin through very short PC-board
tracks.
PowerPad™ (Thermal Pad on QFN package only)
The exposed pad (PowerPad™) on the bottom of the QFN package enhances the thermal
performance of the device, and is intended to be soldered to a heat-dissipating pad on the
PowerPad™
9
PCB. This pad should be connected to the GND pin, or may be left floating (unconnected to
any network). It is internally connected to GND through an indeterminate impedance and so
may not be used to carry current.
SYNC (Gate Turn-Off Synchronization)
A falling edge on SYNC immediately forces GATE low, turning off the controlled MOSFET
asynchronous to the voltage on the drain and source, and regardless of the state of the TON
timer. When a power converter is operated in Continuous Conduction Mode (CCM), it is
SYNC
1
I
necessary to turn off the controlled MOSFET under command of the switching converter.
Connect SYNC to a control signal on the primary side of the converter using a high-voltage
isolation capacitor or transformer, or other suitable coupling means. A continuous low level
on the SYNC input causes GATE to be driven low for the same duration.
TON (Programmable On-Time Timer)
Program the minimum on time with a resistor from TON to GND. When the controlled
MOSFET gate is turned on, some ringing noise is generated. The minimum on-time timer
blanks the VD-VS comparator, keeping the controlled MOSFET on for at least the
TON
3
I
programmed minimum time. This time also determines the light-load shut-down point. If
VD-VS falls below the -5-mV threshold before TON time expires, the controller transitions
into Light-Load Mode on the next switching cycle. When VD-VS falls below the -5-mV
threshold after TON expires, the device resumes Run-Mode operation on the next switching
cycle.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UCC24610


Similar Part No. - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610DRBR TI1-UCC24610DRBR Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01055DRBR TI1-HPA01055DRBR Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610 TI-UCC24610_15 Datasheet
1Mb / 41P
[Old version datasheet]   UCC24610 GREEN Rectifier??Controller Device
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com