Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA1284-PU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA1284-PU
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1284-PU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA1284-PU Datasheet HTML 4Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 5Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 6Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 7Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 8Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 9Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 10Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 11Page - ATMEL Corporation ATMEGA1284-PU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
8272AS–AVR–01/10
164A/164PA/324A/324PA/644A/644PA/1284/1284P
2.3.7
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running. The minimum pulse length is given in ”System and Reset
Characteristics” on page 335. Shorter pulses are not guaranteed to generate a reset.
2.3.8
XTAL1
Input to the inverting Oscillator amplifier and input to the internal clock operating circuit.
2.3.9
XTAL2
Output from the inverting Oscillator amplifier.
2.3.10
AVCC
AVCC is the supply voltage pin for Port A and the Analog-to-digital Converter. It should be exter-
nally connected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected
to V
CC through a low-pass filter.
2.3.11
AREF
This is the analog reference pin for the Analog-to-digital Converter.


Similar Part No. - ATMEGA1284-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA1284 ATMEL-ATMEGA1284 Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATmega1284 ATMEL-ATmega1284 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
ATmega1284P ATMEL-ATmega1284P Datasheet
635Kb / 30P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATmega1284P ATMEL-ATmega1284P Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
More results

Similar Description - ATMEGA1284-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164PA ATMEL-ATMEGA164PA_09 Datasheet
635Kb / 30P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATMEGA164A ATMEL-ATMEGA164A_11 Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA164PA ATMEL-ATMEGA164PA_1 Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com