Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM60 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM60
Description  Compatible with PCI Express Mini Card
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM60 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MM60 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MM60 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/6
MB-0147-3
February 2008
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Features
The MM60 series is a module socket compatible with specifications standardized
by the PCI-SIG.
MM60 Series
Compatible with PCI Express Mini Card
•No. of contacts: 52 pos.
•Contact resistance: 55m ohm max. (initial)
•Dielectric withstanding voltage: AC 300Vr.m.s (per minute)
•Operating temperature: -40 to+80 Deg. C
•Rated Current: 0.5A per pin
•Life time: 50 times
•Insertion loss: -1dB min.(1.25Ghz max.)/-5dB min.(3.75Ghz max.)
•Return loss: -12dBmax.(1.3GHz max.)/-7dB max.(2Ghz max.)/-4dB(3.75GHz max.)
•Cross talk(near end): -32dB max.(1.25Ghz max.)/-26dBmax.(3.75Ghz max.)
Compatible with the PCI Express Mini Card Electromechanical spec and can be
used for connecting with modules with PCI Express and USB transmission.
Retention latch part available to fix module to connector.
Latch has mechanisms on both sides for module ejection.
Two types of module mounting heights are developed.
Stand-off product allows components of under 1.8mm height to be placed
below the module.
Connector and latch are compatible with automatic mounting.
Packing form is embossed tape.
General Specifications
RoHS Compliant


Similar Part No. - MM60

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM60-52B-B-R850 JAE-MM60-52B-B-R850 Datasheet
162Kb / 1P
   CARRIER TAPE POLYSTYRENE
MM60-52B1-B1R50 JAE-MM60-52B1-B1R50 Datasheet
5Mb / 7P
   0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
MM60-52B1-B1R850 JAE-MM60-52B1-B1R850 Datasheet
5Mb / 7P
   0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
MM60-52B1-E1 JAE-MM60-52B1-E1 Datasheet
244Kb / 1P
   TOP SIDE CONTACT COPPER ALLOY
MM60-52B1-E2 JAE-MM60-52B1-E2 Datasheet
244Kb / 1P
   TOP SIDE CONTACT COPPER ALLOY
More results

Similar Description - MM60

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
   Compatible With PCI Express Mini Card
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
MANO830 AXIOMTEK-MANO830_16 Datasheet
294Kb / 1P
   PCI Express Mini Card supported
MANO830 AXIOMTEK-MANO830 Datasheet
274Kb / 1P
   PCI Express Mini Card supported
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
CAPA801 AXIOMTEK-CAPA801_14 Datasheet
508Kb / 2P
   PCI Express Mini Card expansion
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
   Docking Connector Compatible with PCI Express
logo
Japan Aviation Electron...
MM60-52B1-B1R850 JAE-MM60-52B1-B1R850 Datasheet
5Mb / 7P
   0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com